Electronic Components Datasheet Search
  English  ▼

X  

FDA217 Datasheet(PDF) 1 Page - Clare, Inc.

Part # FDA217
Description  Dual MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FDA217 Datasheet(HTML) 1 Page - Clare, Inc.

  FDA217 Datasheet HTML 1Page - Clare, Inc. FDA217 Datasheet HTML 2Page - Clare, Inc. FDA217 Datasheet HTML 3Page - Clare, Inc. FDA217 Datasheet HTML 4Page - Clare, Inc. FDA217 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
FDA217
Dual MOSFET Driver
www.ixysic.com
DS-FDA217-R01
1
RoHS
2002/95/EC
e3
Pb
Part #
Description
FDA217
8-Lead DIP (50/tube)
FDA217S
8-Lead Surface Mount (50/tube)
FDA217STR
8-Lead Surface Mount (1000/reel)
Parameter
Rating
Units
Open Circuit Voltage
12
V
Short Circuit Current
4.5
A
Input Control Current
5
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• MOSFET Driver
• Programmable Control
• Process Control
• Instrumentation
• Telecommunications
• Solid State Relays
• Isolated Switching
• Floating Power Supplies
• Dual Independent, Floating Outputs for Parallel,
Series, or Isolated Configuration
• Replacement of Discrete Components
• 5mA Control Current
• No EMI/RFI Generation
• Solid State Reliability
• High Input to Output Isolation: 3750V
rms
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Version Available
The FDA217 is a dual photovoltaic MOSFET driver.
Each independent driver consists of an LED that is
optically coupled to a photodiode array.
The driver output is controlled by means of the highly
effective GaAlAs infrared LED at the input. When the
input current is applied to the LED, the light emitted
activates the photodiode array, and generates the
voltage at the output.
The photodiode array is capable of generating a
floating power source with voltage and current
sufficient to drive high-power MOSFET transistors.
Each photodiode array contains an integrated
turn-off circuit that discharges the external MOSFET
gate when LED current is removed. This eliminates
the need to use external components to facilitate the
discharge. The optically coupled technology provides
3750V
rms of input to output isolation.
The FDA217 is well suited for use in discrete solid
state relay designs and in other isolated switching
applications.
1
Input
Output
Input
Output
–
+
–
+
2
3
4
8
7
6
5
PV
PV
Approvals
• UL 1577 Pending
• EN/IEC 60950 Certified Component:
TUV Certificate: B 09 07 49410 004


Similar Part No. - FDA217

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FDA217 IXYS-FDA217 Datasheet
118Kb / 5P
Dual Photovolatic MOSFET Driver
logo
Littelfuse
FDA217 LITTELFUSE-FDA217 Datasheet
196Kb / 5P
Dual Photovoltaic MOSFET Driver
11/18/2025
logo
IXYS Corporation
FDA217S IXYS-FDA217S Datasheet
118Kb / 5P
Dual Photovolatic MOSFET Driver
logo
Littelfuse
FDA217S LITTELFUSE-FDA217S Datasheet
196Kb / 5P
Dual Photovoltaic MOSFET Driver
11/18/2025
logo
IXYS Corporation
FDA217STR IXYS-FDA217STR Datasheet
118Kb / 5P
Dual Photovolatic MOSFET Driver
More results

Similar Description - FDA217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
DUAL MOSFET DRIVER
logo
Analog Devices
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com