Electronic Components Datasheet Search
  English  ▼

X  

FDA217S Datasheet(PDF) 3 Page - Clare, Inc.

Part # FDA217S
Description  Dual MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FDA217S Datasheet(HTML) 3 Page - Clare, Inc.

  FDA217S Datasheet HTML 1Page - Clare, Inc. FDA217S Datasheet HTML 2Page - Clare, Inc. FDA217S Datasheet HTML 3Page - Clare, Inc. FDA217S Datasheet HTML 4Page - Clare, Inc. FDA217S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
FDA217
www.ixysic.com
3
R01
Performance Data (@ 25ºC Unless Otherwise Noted) *
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage
(N=50, I
F=5mA)
Open-Circuit Voltage (V)
11.35 11.45 11.55 11.65 11.75 11.85 11.95
0
5
10
15
20
Typical Open-Circuit Voltage
(N=50, I
F=5mA)
Short Circuit Current ( A)
3.7
4.0
4.3
4.6
4.9
5.2
5.5
0
5
10
15
20
Typical Short-Circuit Current
(N=50, I
F=5mA)
Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
LED Forward Voltage
vs. Forward Current
Load Capacitance (pF)
0
2000
4000
6000
8000
10000 12000
0
2
4
6
8
10
12
Turn-On Time vs. Load Capacitance
(V
OUT=5V)
I
F=5mA
I
F=10mA
I
F=20mA
I
F=50mA
Load Capacitance (pF)
0
2000
4000
6000
8000
10000 12000
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Turn-Off Time vs. Load Capacitance
(V
OUT=5V)
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage
vs. Temperature
I
F=5mA
I
F=2mA
I
F=1mA
I
F=50mA
I
F=20mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
Turn-On Time vs. Temperature
(V
out=5V, CL=200pF)
I
F=5mA
I
F=10mA
I
F=20mA
I
F=50mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
140
Turn-Off Time vs. Temperature
(V
out=5V, CL=200pF)
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
6
8
10
12
14
16
18
20
Open-Circuit Voltage
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
Short-Circuit Current
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
600
650
700
750
800
850
900
Offstate Output Resistance
vs. Temperature
(V
L=1V, Internal to Photovoltaic Driver)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com