Electronic Components Datasheet Search
  English  ▼

X  

IXD_602 Datasheet(PDF) 7 Page - Clare, Inc.

Part # IXD_602
Description  2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXD_602 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button IXD_602 Datasheet HTML 3Page - Clare, Inc. IXD_602 Datasheet HTML 4Page - Clare, Inc. IXD_602 Datasheet HTML 5Page - Clare, Inc. IXD_602 Datasheet HTML 6Page - Clare, Inc. IXD_602 Datasheet HTML 7Page - Clare, Inc. IXD_602 Datasheet HTML 8Page - Clare, Inc. IXD_602 Datasheet HTML 9Page - Clare, Inc. IXD_602 Datasheet HTML 10Page - Clare, Inc. IXD_602 Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IXD_602
R02
www.clare.com
7
4
Typical Performance Characteristics
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
Rise Time vs. Supply Voltage
(V
IN=0-5V, f=10kHz, TA=25ºC)
C
L=4.7nF
C
L=1nF
C
L=470pF
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
Fall Time vs. Supply Voltage
(V
IN=0-5V, f=10kHz, TA=25ºC)
C
L=4.7nF
C
L=1nF
C
L=470pF
Temperature (ºC)
-40
-20
0
204060
80
100 120 140
4
5
6
7
8
9
10
11
12
Rise & Fall Time vs. Temperature
(V
IN=0-5V, VCC=18V, CL=1nF)
t
r
t
f
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
Rise Time vs. Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
Fall Time vs. Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
Propagation Delay vs. Supply Voltage
(V
IN=0-5V, CL=1nF, f=1kHz)
t
offdly
t
ondly
Input Voltage (V)
0
5
10
15
20
20
30
40
50
60
70
Propagation Delay vs. Input Voltage
(V
CC=18V, CL=1nF)
t
offdly
t
ondly
Temperature (ºC)
-40
-20
0
204060
80
100 120 140
20
25
30
35
40
45
50
55
Propagation Delay vs. Temperature
(V
CC=18V, CL=1nF)
t
offdly
t
ondly
Temperature (ºC)
-40
-20
0
204060
80
100 120 140
1.8
2.0
2.2
2.4
2.6
2.8
Input Threshold vs. Temperature
(V
CC=18V, CL=1nF)
Min V
IH
Max V
IL
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
1.0
1.5
2.0
2.5
3.0
3.5
Input Threshold vs. Supply Voltage
Min V
IH
Max V
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com