Electronic Components Datasheet Search
  English  ▼

X  

IXD_604 Datasheet(PDF) 1 Page - Clare, Inc.

Part # IXD_604
Description  4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXD_604 Datasheet(HTML) 1 Page - Clare, Inc.

  IXD_604 Datasheet HTML 1Page - Clare, Inc. IXD_604 Datasheet HTML 2Page - Clare, Inc. IXD_604 Datasheet HTML 3Page - Clare, Inc. IXD_604 Datasheet HTML 4Page - Clare, Inc. IXD_604 Datasheet HTML 5Page - Clare, Inc. IXD_604 Datasheet HTML 6Page - Clare, Inc. IXD_604 Datasheet HTML 7Page - Clare, Inc. IXD_604 Datasheet HTML 8Page - Clare, Inc. IXD_604 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS-IXD_604 - R02
www.clare.com
1
RoHS
2002/95/EC
e3
Pb
Features
• 4A Peak Source/Sink Drive Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Extended Operating Temperature
Range
• Logic Input Withstands Negative Swing of up to 5V
• Matched Rise and Fall Times
• Low Propagation Delay Time
• Low, 10
μA Supply Current
• Low Output Impedance
Applications
• Efficient Power MOSFET and IGBT Switching
• Switch Mode Power Supplies
• Motor Controls
• DC to DC Converters
• Class-D Switching Amplifiers
• Pulse Transformer Driver
Description
The IXDD604/IXDF604/IXDI604/IXDN604 dual
high-speed gate drivers are especially well suited for
driving the latest IXYS MOSFETs and IGBTs. Each of
the two outputs can source and sink 4A of peak
current while producing voltage rise and fall times of
less than 10ns. The input of each driver is virtually
immune to latch up, and proprietary circuitry
eliminates cross conduction and current
“shoot-through.” Low propagation delay and fast,
matched rise and fall times make the IXD_604 family
ideal for high-frequency and high-power applications.
The IXDD604 is a dual non-inverting driver with an
enable. The IXDN604 is a dual non-inverting driver,
the IXDI604 is a dual inverting driver, and the IXDF604
has one inverting driver and one non-inverting driver.
The IXD_604 family is available in a standard 8-pin
DIP (PI), 8-pin SOIC (SIA), 8-pin Power SOIC with an
exposed metal back (SI), and an 8-pin DFN (D2)
package.
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD604D2TR
8-Pin DFN
Tape & Reel
2000
IXDD604PI
8-Pin DIP
Tube
50
IXDD604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD604SIA
8-Pin SOIC
Tube
100
IXDD604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDF604PI
8-Pin DIP
Tube
50
IXDF604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDF604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDF604SIA
8-Pin SOIC
Tube
100
IXDF604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDI604PI
8-Pin DIP
Tube
50
IXDI604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI604SIA
8-Pin SOIC
Tube
100
IXDI604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDN604PI
8-Pin DIP
Tube
50
IXDN604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN604SIA
8-Pin SOIC
Tube
100
IXDN604SIATR
8-Pin SOIC
Tape & Reel
2000
ENA
INA
ENB
INB
OUTA
OUTB
A
B
INA
INB
A
B
OUTA
OUTB
INA
INB
A
B
OUTA
OUTB
INA
INB
OUTA
OUTB
A
B
IXD_604
4-Ampere Dual Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXD_604

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD604D2TR IXYS-IXDD604D2TR Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
IXDD604PI IXYS-IXDD604PI Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
IXDD604SI IXYS-IXDD604SI Datasheet
273Kb / 12P
AEC Q100 Qualified
IXDD604SI IXYS-IXDD604SI Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
IXDD604SIA IXYS-IXDD604SIA Datasheet
273Kb / 12P
AEC Q100 Qualified
More results

Similar Description - IXD_604

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com