Electronic Components Datasheet Search
  English  ▼

X  

MX877R Datasheet(PDF) 5 Page - Clare, Inc.

Part # MX877R
Description  8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX877R Datasheet(HTML) 5 Page - Clare, Inc.

  MX877R Datasheet HTML 1Page - Clare, Inc. MX877R Datasheet HTML 2Page - Clare, Inc. MX877R Datasheet HTML 3Page - Clare, Inc. MX877R Datasheet HTML 4Page - Clare, Inc. MX877R Datasheet HTML 5Page - Clare, Inc. MX877R Datasheet HTML 6Page - Clare, Inc. MX877R Datasheet HTML 7Page - Clare, Inc. MX877R Datasheet HTML 8Page - Clare, Inc. MX877R Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MX877
July 29, 2011
www.clare.com
5
1.5 Dynamic Electrical Characteristics
VCC=5V, VPWR=42V, TA=25°C, unless otherwise specified.
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
SCK Period
-
-
100
-
DC
ns
SCK High Time
-
-
40
-
-
ns
SCK Low Time
-
-
40
-
-
ns
CS* High Time
-
tCSwh
50
-
-
ns
CS* Falling to SCK Rising
Setup Time
tCSs
150
-
-
ns
CS* Low Time
SCK Low (Parallel Input Mode)
tCSwl
150
-
-
ns
INx to CS Falling (SETUP TIME)
-tINs
15
-
-
ns
INx to CS Falling (HOLD TIME)
-tINh
30
-
-
ns
SDI to SCK Rising (SETUP TIME)
-
tSDIs
20
-
-
ns
SDI to SCK Rising (HOLD TIME)
-
tSDIh
25
-
-
ns
SCK Falling to to SDO Data Valid
-tSDO
-
10
-
ns
CS* Rising to SDO High Z
-tSDOz
-
12
-
ns
CS* Rising to OUTx Rising
To 50%, C(OUTx)=1000pF
tOUTr
-
750
-
ns
CS* Rising to OUTx Falling
To 50%, C(OUTx)=1000pF
tOUTf
-
570
-
ns
OUTx Rise Time
From 10% to 90%, C(OUTx)=1000pF
-
-
110
-
ns
OUTx Fall Time
From 10% to 90%, C(OUTx)=1000pF
-
-
75
-
ns
OE Rising to OUTx Rising
To 90%
-
-
580
-
ns
OE Rising to OUTx Falling
To 90%
-
-
390
-
ns
OE Falling to OUTx High Z
To 10%, OUTx High
-
-
130
-
ns
To 10%, OUTx Low
-
-
90
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com