Electronic Components Datasheet Search
  English  ▼

X  

PM1206 Datasheet(PDF) 1 Page - Clare, Inc.

Part # PM1206
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PM1206 Datasheet(HTML) 1 Page - Clare, Inc.

  PM1206 Datasheet HTML 1Page - Clare, Inc. PM1206 Datasheet HTML 2Page - Clare, Inc. PM1206 Datasheet HTML 3Page - Clare, Inc. PM1206 Datasheet HTML 4Page - Clare, Inc. PM1206 Datasheet HTML 5Page - Clare, Inc. PM1206 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PM1206
AC Power Switch
www.clare.com
DS-PM1206-R08
1
RoHS
2002/95/EC
e3
Pb
Part #
Description
PM1206
6-Lead DIP (50/Tube)
PM1206S
6-Lead Surface Mount (50/Tube)
PM1206STR
6-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
AC Operating Voltage
260
V
rms
Load Current
500
mA
rms
On-State Voltage Drop
(I
L=500mArms)
1.4
V
rms
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 0.5A
rms
• Blocking Voltages up to 600V
P
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
The PM1206 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce
an alternative to optocoupler and Triac circuits. The
PM1206 switches are robust enough to provide a
blocking voltage of up to 600V
P. In addition, tightly
controlled zero-cross circuitry ensures switching of
AC loads without the generation of transients. The
input and output circuits are optically coupled to
provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result, the
PM1206 is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
Approvals
• UL Recognized Component: UL 508 File E69938
• CSA Certified Component: Certificate LR43639-8
ZC
1
3
2
4
5
6
AC Load
AC Load
– LED
+ LED


Similar Part No. - PM1206

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206 Datasheet
128Kb / 5P
AC Power Switch
logo
IXYS Corporation
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
Zero-Crossing Detection
logo
Clare, Inc.
PM1206S CLARE-PM1206S Datasheet
128Kb / 5P
AC Power Switch
logo
IXYS Corporation
PM1206S IXYS-PM1206S Datasheet
113Kb / 6P
Zero-Crossing Detection
logo
Clare, Inc.
PM1206STR CLARE-PM1206STR Datasheet
128Kb / 5P
AC Power Switch
More results

Similar Description - PM1206

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com