Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 12 Page - Everlight Electronics Co., Ltd

Part # TIL113
Description  6 PIN PHOTODARLINGTON
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL113 Datasheet(HTML) 12 Page - Everlight Electronics Co., Ltd

Back Button TIL113 Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 9Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 10Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 11Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 12Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
12
http://www.everlight.com
Document No:DPC-0000021
Rev. 1
February 5, 2009
TIL113
4NXX Series
H11BX Series
Solder Reflow Temperature Profile
260
°C (peak)
150
°C
1-3
°C/Sec Max
70 – 170 Sec
200
°C
217
°C
>255
°C (30s Max)
1-3
°C/Sec Max
60 – 140 Sec
TIME (S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com