Electronic Components Datasheet Search
  English  ▼

X  

74HC4053DB Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HC4053DB
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4053DB Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC4053DB Datasheet HTML 11Page - NXP Semiconductors 74HC4053DB Datasheet HTML 12Page - NXP Semiconductors 74HC4053DB Datasheet HTML 13Page - NXP Semiconductors 74HC4053DB Datasheet HTML 14Page - NXP Semiconductors 74HC4053DB Datasheet HTML 15Page - NXP Semiconductors 74HC4053DB Datasheet HTML 16Page - NXP Semiconductors 74HC4053DB Datasheet HTML 17Page - NXP Semiconductors 74HC4053DB Datasheet HTML 18Page - NXP Semiconductors 74HC4053DB Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 13 December 2011
15 of 32
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
ton
turn-on time
E to Vos; RL = ; see Figure 14
[2]
VCC = 2.0 V; VEE =0 V
-
-
275
ns
VCC = 4.5 V; VEE =0 V
-
-
55
ns
VCC = 6.0 V; VEE =0 V
-
-
47
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
39
ns
Sn to Vos; RL = ; see Figure 14
[2]
VCC = 2.0 V; VEE =0 V
-
-
275
ns
VCC = 4.5 V; VEE =0 V
-
-
55
ns
VCC = 6.0 V; VEE =0 V
-
-
47
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
39
ns
toff
turn-off time
E to Vos; RL =1 k; see Figure 14
[3]
VCC = 2.0 V; VEE =0 V
-
-
265
ns
VCC = 4.5 V; VEE =0 V
-
-
53
ns
VCC = 6.0 V; VEE =0 V
-
-
45
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
36
ns
Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 2.0 V; VEE =0 V
-
-
265
ns
VCC = 4.5 V; VEE =0 V
-
-
53
ns
VCC = 6.0 V; VEE =0 V
-
-
45
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
36
ns
Tamb = 40 C to +125 C
tpd
propagation delay Vis to Vos; RL =  ; see Figure 13
[1]
VCC = 2.0 V; VEE =0 V
-
-
90
ns
VCC = 4.5 V; VEE =0 V
-
-
18
ns
VCC = 6.0 V; VEE =0 V
-
-
15
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
12
ns
ton
turn-on time
E to Vos; RL = ; see Figure 14
[2]
VCC = 2.0 V; VEE =0 V
-
-
330
ns
VCC = 4.5 V; VEE =0 V
-
-
66
ns
VCC = 6.0 V; VEE =0 V
-
-
56
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
47
ns
Sn to Vos; RL = ; see Figure 14
[2]
VCC = 2.0 V; VEE =0 V
-
-
330
ns
VCC = 4.5 V; VEE =0 V
-
-
66
ns
VCC = 6.0 V; VEE =0 V
-
-
56
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
47
ns
Table 9.
Dynamic characteristics for 74HC4053 …continued
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com