Electronic Components Datasheet Search
  English  ▼

X  

PLT132 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PLT132
Description  Photo-link Light Transmitter Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLT132 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PLT132 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLT132 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLT132 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLT132 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLT132 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 2 of 5
Device NO.: DPL-132-001
Prepared date: 07-25-2005
Prepared By: Chin-Chia Hsu
PLT132
Package Dimension:
32
1
Pin Function
1 :GND
2 :Vcc
3 :Vin
Notes: 1.All dimensions are in mm.
2.General Tolerance: Pin length tolerance is ±0.25 mm
others are ±0.10 mm
*Circuit Layout Notice: When power is off, it must be cut off together in Vin and Vcc pin.
If it only has Vcc power-off, LED will sure to be no output power.
Vcc
Vin
LED Condition
2.7~5.5V
High
ON
2.7~5.5V
Low
OFF
2.7~5.5V
FLOATING
OFF
FLOATING
0~Vcc
OFF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com