Electronic Components Datasheet Search
  English  ▼

X  

ELD205 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELD205
Description  8 PIN SOP PHOTOTRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD205 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELD205 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELD205 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8 PIN SOP PHOTOTRANSISTOR
DUAL CHANNEL PHOTOCOUPLER
Everlight Electronics Co., Ltd.
9
http:\\www.everlight.com
Document No:DPC-0000024
Rev.1
January 16, 2009
ELD20X / 21X series
Tape & Reel Packing Specifications
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel
Tape dimensions
Dimension No.
A0
A1
B0
D0
D1
E
F
Dimension(mm)
6.2±0.1
4.1±0.1
5.28±0.1
1.5±0.1
1.5±0.3
1.75±0.1
5.5±0.1
Dimension No.
Po
P1
P2
t
W
K0
K1
Dimension(mm)
4.0±0.1
8.0±0.1
2.0±0.1
0.4±0.1
12.0+0.3/
-0.1
3.7±0.1
0.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com