Electronic Components Datasheet Search
  English  ▼

X  

ELD207 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELD207
Description  8 PIN SOP PHOTOTRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD207 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELD207 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-04-29 16:43:33.0
8 PIN SOP PHOTOTRANSISTOR
DUAL CHANNEL PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-0000024
Rev.3
March 18, 2011
ELD20X_21X Series
Features
•
Dual channel coupler
• Current transfer ratios offered in narrow ranges
ELD205: 40-80%
ELD206: 63-125%
ELD207: 100-200%
ELD211: > 20%
ELD213: > 100%
ELD217: > 100%
• High isolation voltage between input and output
Viso = 3750 Vrms
• Operating temperature range of -55 to +110℃
• High BVceo of 80V
• Standard SO-8 footprint package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approval (pending)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2007189)
Description
The ELD20X and ELD21X series contains two infrared
emitting diodes optically coupled to two phototransistor
detectors.
The devices are packaged in an 8-pin small outline
package which conforms to the standard SO-8 footprint.
Applications
Feedback Control Circuits
Interfacing and coupling systems of different potentials and impedances
General Purpose Switching Circuits
Monitor and Detection Circuits
1. Anode
2. Cathode
3. Anode
4. Cathode
5. Emitter
6. Collector
7. Emitter
8. Collector
Schematic


Similar Part No. - ELD207

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD207 EVERLIGHT-ELD207 Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
ELD207 EVERLIGHT-ELD207 Datasheet
870Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD207 EVERLIGHT-ELD207 Datasheet
885Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD207(TA) EVERLIGHT-ELD207(TA) Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
ELD207(TB) EVERLIGHT-ELD207(TB) Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
More results

Similar Description - ELD207

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
June 10, 2014
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_13 Datasheet
885Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com