Electronic Components Datasheet Search
  English  ▼

X  

6A01-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 6A01-G
Description  General Purpose Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

6A01-G Datasheet(HTML) 1 Page - Comchip Technology

  6A01-G Datasheet HTML 1Page - Comchip Technology 6A01-G Datasheet HTML 2Page - Comchip Technology 6A01-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QW-BG014
Page 1
REV:A
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
O
0.375"(9.5mm) lead length @TA=75
C
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
Maximum forward voltage at 6.0A DC
Maximum reverse current
at rated DC blocking voltage
Operating temperature range
Storage temperature range
TA=25°C
Typical junction capacitance (Note 1)
Typical thermal resistance (Note 2)
6A005-G
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
6.0
400
1.0
10
100
100
10
-55 ~ +125
-55 ~ +150
V
V
V
A
A
V
PF
O
C
O
C
μA
O
C/W
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0Volts.
2. Thermal resistance from junction to ambient .
Voltage: 50 to 1000 V
Current: 6.0 A
RoHS Device
6A005-G Thru. 6A10-G
Dimensions in inches and (millimeter)
R-6
Features
-Low cost construction.
-Diffused Junction.
-Low forward voltage drop.
-High current capability.
Mechanical data
-Case: JEDEC R-6 molded plastic
-Epoxy: UL 94V-0 rate flame retardant
-Polarity: Color band denotes cathode
-Mounting position: Any
-Weight: 0.07ounce, 2.0 grams
6A01-G
100
70
100
6A02-G
200
140
200
6A04-G
400
280
400
6A06-G
600
420
600
6A08-G
800
560
800
6A10-G
1000
700
1000
0.360(9.10)
1.000(25.40) Min.
0.360(9.10)
0.052(1.30)
1.000(25.40) Min.
0.048(1.20)
0.340(8.60)
0.340(8.60)
IR
TA=100°C
General Purpose Silicon Rectifiers
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.


Similar Part No. - 6A01-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
6A01 DIODES-6A01 Datasheet
52Kb / 2P
6.0A RECTIFIER
DS28008 Rev. G-3
More results

Similar Description - 6A01-G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
General Purpose Silicon Rectifiers
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
General Purpose Silicon Rectifiers
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
General Purpose Silicon Rectifiers
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
GENERAL PURPOSE SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com