Electronic Components Datasheet Search
  English  ▼

X  

ABS4-G Datasheet(PDF) 1 Page - Comchip Technology

Part # ABS4-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABS4-G Datasheet(HTML) 1 Page - Comchip Technology

  ABS4-G Datasheet HTML 1Page - Comchip Technology ABS4-G Datasheet HTML 2Page - Comchip Technology ABS4-G Datasheet HTML 3Page - Comchip Technology ABS4-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 50 to 1000 Volts
Forward Current: 1.0 A
RoHS Device
Page 1
REV:B
Features
-Rating to 1000V PRV.
-Ideal for printed circuit board.
-Reliable low cost construction utilizing
molded plastic technique results in
inexpensive product.
-Pb free product.
Mechanical data
-Polarity: Symbol molded on body.
-Mounting position: Any.
ABS05-G Thru. ABS10-G
Parameter
Dimensions in inches and (millimeter)
ABS
QW-BBR51
Symbol
Unit
ABS1-G ABS2-G ABS4-G ABS6-G ABS8-G ABS10-G
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current (Note 1)
@TA=40°C
Peak Forward Surge Current, 8.3mS single
half sine-wave, superimposed on rated load
(JEDEC Method)
Maximum Forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25°C
@TJ=125°C
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
Notes: 1. Mounted on P.C. Board.
2. Thermal resistance: Junction to Ambient.
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
RθJA
TJ
TSTG
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
1.0
30
1.1
5.0
500
80
-55 to +150
-55 to +150
A
A
V
μA
°C/W
0.033 (0.85)
0.026 (0.65)
0.006 (0.15)
0.012 (0.30)
0.004 (0.10)
0.252 (6.40)
Comchip Technology CO., LTD.
ABS05-G
50
35
50
0.060 (1.50)
0.051 (1.30)
0.002 (0.05)
0.205 (5.20)
0.189 (4.80)
0.236 (6.00)
0.181 (4.60)
0.165 (4.20)
0.028 (0.70)
0.020 (0.50)
0.165 (4.20)
0.150 (3.80)
+
-
~
~
0.006 (0.15)
0.002 (0.05)
-Small size, simple installation
-High surge current capability
SMD Glass Passivated Bridge Rectifiers
-Weight: 0.08 grams.
Maximum Rating And Electrical Characteristics
Rating at TA=25°C, unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
°C
°C


Similar Part No. - ABS4-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABS4-10 YFWDIODE-ABS4-10 Datasheet
420Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
ABS4-HF COMCHIP-ABS4-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS4-K TSC-ABS4-K Datasheet
231Kb / 4P
Glass passivated junction
logo
Won-Top Electronics
ABS4-T3 WTE-ABS4-T3 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
September, 2012
More results

Similar Description - ABS4-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com