Electronic Components Datasheet Search
  English  ▼

X  

CDBA2100-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBA2100-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA2100-G Datasheet(HTML) 3 Page - Comchip Technology

  CDBA2100-G Datasheet HTML 1Page - Comchip Technology CDBA2100-G Datasheet HTML 2Page - Comchip Technology CDBA2100-G Datasheet HTML 3Page - Comchip Technology CDBA2100-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
REV:B
SMD Schottky Barrier Rectifiers
QW-BB006
B
C
d
D
D2
D1
SYMBOL
A
(mm)
(inch)
1.969 Min.
2.7 Max
5.3 Max
4.00 ± 0.10
1.50 ± 0.10 DIA
50.0 Min.
13.5 ± 1.00
2.66 Max
4.00 ± 0.10
2.00 ± 0.05
12.0 ± 0.30
18.4 Max.
330± 2.00
0.209 Max
0.106 Max
0.105 Max
0.059 ± 0.004 DIA
13.00± 0.079
0.531 ± 0.039
SYMBOL
(mm)
(inch)
0.472 0.012
±
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.724 Max
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.689 ± 0.004
5.50 ± 0.05
0.216 ± 0.002
Polarity
DO-214AC
(SMA)
DO-214AC
(SMA)
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
D1
D2
D
W1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com