Electronic Components Datasheet Search
  English  ▼

X  

CDBC240LR-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBC240LR-HF
Description  Low VF Low IR SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC240LR-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBC240LR-HF Datasheet HTML 1Page - Comchip Technology CDBC240LR-HF Datasheet HTML 2Page - Comchip Technology CDBC240LR-HF Datasheet HTML 3Page - Comchip Technology CDBC240LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
CDBC220LR-HF
Marking Code
Marking Code
CDBC240
-
LR HF
CDBC260
-
LR HF
CDBC2100
-
LR HF
CDBC2150
-
LR HF
CDBC2200
-
LR HF
KL22
KL24
KL26
KL210
KL215
KL220
Low VF Low IR SMD Schottky Barrier Rectifiers
Page 4
REV:A
QW-JL024
Comchip Technology CO., LTD.
Suggested PAD Layout
SIZE
(inch)
(mm)
E
A
B
C
D
DO-214AB (SMC)
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AB
(SMC)
A
B
C
E
D
XXXXX
Cathod Band
XXXXX = Product type marking code
0.272
6.90
2.50
3.30
0.098
0.130
9.40
0.370
4.40
0.173



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com