Electronic Components Datasheet Search
  English  ▼

X  

CDBD6100-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD6100-G
Description  Chip Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD6100-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBD6100-G Datasheet HTML 1Page - Comchip Technology CDBD6100-G Datasheet HTML 2Page - Comchip Technology CDBD6100-G Datasheet HTML 3Page - Comchip Technology CDBD6100-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1.0
10
FIG.1-TYPICAL FORWARD CURRENT DERATING
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FORWARD VOLTAGE,(V)
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
.1
1.0
10
100
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
TJ=75 °C
TJ=25 °C
NUMBER OF CYCLES AT 60Hz
40
20
0
60
100
80
1
10
5
50
100
TJ=25 °C
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
CASE TEMPERATURE,( °C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
Pulse Width 300us
1% Duty Cycle
TJ=25 °C
1
2
3
4
5
6
0
0
20
40
60
80
100 120 140 160 180 200
100
Chip Schottky Barrier Rectifier
Page 2
QW-BB032
REV:A
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (CDBD620-G Thru. CDBD6100-G)
CURVE
8.3ms Single Half
Sine Wave
JEDEC method



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com