Electronic Components Datasheet Search
  English  ▼

X  

PEB2023 Datasheet(PDF) 18 Page - Siemens Semiconductor Group

Part # PEB2023
Description  ISDN DC Converter Circuit IDCC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2023 Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button PEB2023 Datasheet HTML 14Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 15Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 16Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 17Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 18Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 19Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 20Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 21Page - Siemens Semiconductor Group PEB2023 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
PEB 2023
PEF 2023
Functional Description
Semiconductor Group
18
08.97
Voltage Reference
The reference regulator of the PEB/F 2023 is based on a temperature compensated
bandgap. This circuitry is fully active at supply voltages (pin V
EXT) above 6 volts and
provides up to 0.5mA of load current to external circuitry at 4 volts. This reference has to
be buffered by an external capacitor (C
min = 1µF).
Sawtooth Oscillator
The oscilator frequency is programmed by the two components R
1 and C1 (see figure 4,
5 or 6). The oscillator timing capacitor C
1 is charged by VREF through R1 and discharged
by an internal 10k
Ω discharge-resistor. The rise-time of the sawtooth oscillator can be
programmed with R
1 and C1. The internal discharge-resistor and C1 define the fall-time.
At the beginning of the discharge period a positive synchronization pulse is generated at
pin SYNC. Otherwise the PEB/F 2023 can be synchronized via pin SYNC to an external
logic clock by programming the oscillator to free run at a frequency 10% lower than the
synchronization frequency. The PEB/F 2023 is synchronized by the rising edge of the
sync. signal. So multiple devices can be synchronized together by programming one
master unit for the desired frequency (only one possible interfering frequency).
Note that the frequency of the output driver is half the oscillator frequency. The switching
frequency as a function of R
1 and C1 is shown in figure 9.
Figure 9
Switching Frequency
0
50
100
150
200
250
300
350
10
20
30
40
50
60
70
80
90
100
R [ kOHM ]
10 pF
22 pF
68 pF
100 pF
220 pF
470 pF
1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com