Electronic Components Datasheet Search
  English  ▼

X  

CDBHD220-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBHD220-G
Description  Low VF SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHD220-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBHD220-G Datasheet HTML 1Page - Comchip Technology CDBHD220-G Datasheet HTML 2Page - Comchip Technology CDBHD220-G Datasheet HTML 3Page - Comchip Technology CDBHD220-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BL011
Comchip Technology CO., LTD.
Page 4
REV:B
Low VF SMD Schottky Bridge Rectifiers
Suggested PAD Layout
SIZE
(inch)
0.105
(mm)
2.67
0.58
0.76
0.023
0.030
6.91
0.272
B
C
D
A
Part Number
CDBHD220-G
Marking Code
MDS22
Marking Code
CDBHD240-G
MDS24
xxx = Product type marking code
TO-269AA
D
A
C
B
CDBHD260-G
CDBHD280-G
MDS26
MDS28
CDBHD2100-G
MDS210
MDS
XXX
+
~
~
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
TO-269AA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com