Electronic Components Datasheet Search
  English  ▼

X  

CDBHD1100L-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHD1100L-G
Description  Low VF Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHD1100L-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBHD1100L-G Datasheet HTML 1Page - Comchip Technology CDBHD1100L-G Datasheet HTML 2Page - Comchip Technology CDBHD1100L-G Datasheet HTML 3Page - Comchip Technology CDBHD1100L-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BL009
RATING AND CHARACTERISTIC CURVES (CDBHD120L-G thru CDBHD1100L-G)
Percent of Rated Peak Reverse Voltage (%)
80
60
0
Fig.4A- Typical Reverse Characteristics
0.001
0.01
0.1
1.0
100
Percent of Rated Peak Reverse Voltage (%)
Fig.4B- Typeical Reverse Characteristics
Instantaneous Forward Voltage (V)
0.01
Fig.3- Typical Instantaneour Forward
0.01
10
0.2
0.6
0.8
1.0
Ambient Temperature (°C)
Fig.1 Forward Current Derating Curve
0
0.8
1.4
Comchip Technology CO., LTD.
Page 2
REV:B
0
25
175
0.4
1.0
140
0.6
40
1.2
TJ=75°C
TJ=25°C
Number of Cycles at 60Hz
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
100
1
10
100
50
75
100
125
150
0.2
CDBHD120L-G~CDBHD160L-G
CDBHD180L-G~CDBHD1100L-G
Single phase half wave 60Hz
resistive ofr inductive load
3.75” (9.5mm) lead length
1
10
TL=110°C
8.3ms single half sine
wave, JEDEC method
20
100
120
10
TJ=125°C
CDBHD120L-G~CDBHD160L-G
0.1
1.0
0.4
Pulse width =300µ
s
1% duty cycle,Tj=25°C
Characteristics
60
0
0.01
0.1
1.0
10
1000
100
40
20
80
100
TJ=150°C
TJ=25°C
TJ=100°C
TJ=125°C
Reverse Voltage (Volts)
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
200
1
10
100
10
100
TJ=25°C
f=1.0MHz
CDBHD120L-G~CDBHD140L-G
CDBHD160L-G
CDBHD180L-G~CDBHD1100L-G
Low VF Schottky Bridge Rectifiers
CDBHD180L-G~CDBHD1100L-G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com