Electronic Components Datasheet Search
  English  ▼

X  

74HC4066 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74HC4066
Description  Quad bilateral swiches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HC4066 Datasheet HTML 15Page - NXP Semiconductors 74HC4066 Datasheet HTML 16Page - NXP Semiconductors 74HC4066 Datasheet HTML 17Page - NXP Semiconductors 74HC4066 Datasheet HTML 18Page - NXP Semiconductors 74HC4066 Datasheet HTML 19Page - NXP Semiconductors 74HC4066 Datasheet HTML 20Page - NXP Semiconductors 74HC4066 Datasheet HTML 21Page - NXP Semiconductors 74HC4066 Datasheet HTML 22Page - NXP Semiconductors 74HC4066 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
2004 Nov 11
19
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
AC WAVEFORMS
handbook, full pagewidth
MGR272
Vos
50%
Vis
tr
tf
tPLH
tPHL
GND
VCC
90%
50%
10%
Fig.19 Waveforms showing the input (Vis) to output (Vos) propagation delays.
MGA846
t PLZ
t PZL
VM
outputs
disabled
outputs
enabled
t
PZH
90 %
t
PHZ
10 %
90 %
t r
t f
outputs
enabled
nE input
output
LOW - to - OFF
OFF - to - LOW
output
HIGH - to - OFF
OFF - to - HIGH
50 %
50 %
10 %
Fig.20 Waveforms showing the turn-on and turn-off times.
74HC4066: VM = 50 %; VI = GND to VCC.
74HCT4066: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com