Electronic Components Datasheet Search
  English  ▼

X  

74HC4066N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4066N
Description  Quad bilateral swiches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4066N Datasheet HTML 1Page - NXP Semiconductors 74HC4066N Datasheet HTML 2Page - NXP Semiconductors 74HC4066N Datasheet HTML 3Page - NXP Semiconductors 74HC4066N Datasheet HTML 4Page - NXP Semiconductors 74HC4066N Datasheet HTML 5Page - NXP Semiconductors 74HC4066N Datasheet HTML 6Page - NXP Semiconductors 74HC4066N Datasheet HTML 7Page - NXP Semiconductors 74HC4066N Datasheet HTML 8Page - NXP Semiconductors 74HC4066N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2004 Nov 11
2
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
FEATURES
• Very low ON-resistance:
–50
Ω (typical) at VCC = 4.5 V
–45
Ω (typical) at VCC = 6.0 V
–35
Ω (typical) at VCC = 9.0 V.
• Complies with JEDEC standard no. 7A
• ESD protection:
HBM EIA/JESD22-A114-B exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
GENERAL DESCRIPTION
The 74HC4066 and 74HCT4066 are high-speed Si-gate
CMOS devices and are pin compatible with the
HEF4066B. They are specified in compliance with JEDEC
standard no. 7A.
The 74HC4066 and 74HCT4066 have four independent
analog switches. Each switch has two input/output pins
(pins nY or nZ) and an active HIGH enable input pin
(pin nE). When pin nE = LOW the belonging analog switch
is turned off.
The 74HC4066 and 74HCT4066 are pin compatible with
the 74HC4016 and 74HCT4016 but exhibit a much lower
on-resistance. In addition, the on-resistance is relatively
constant over the full input signal range.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ[(CL +CS) × VCC2 × fo] where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS = maximum switch capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ[(CL +CS) × VCC2 × fo] = sum of the outputs.
2. For 74HC4066 the condition is VI = GND to VCC.
For 74HCT4066 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
74HC4066
74HCT4066
tPZH/tPZL
turn-on time nE to Vos
CL = 15 pF; RL =1kΩ; VCC = 5 V 1112ns
tPHZ/tPLZ
turn-off time nE to Vos
CL = 15 pF; RL =1kΩ; VCC = 5 V 1316ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per switch
notes 1 and 2
11
12
pF
CS
maximum switch
capacitance
88pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com