Electronic Components Datasheet Search
  English  ▼

X  

74HCT4066N Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HCT4066N
Description  Quad bilateral swiches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4066N Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HCT4066N Datasheet HTML 17Page - NXP Semiconductors 74HCT4066N Datasheet HTML 18Page - NXP Semiconductors 74HCT4066N Datasheet HTML 19Page - NXP Semiconductors 74HCT4066N Datasheet HTML 20Page - NXP Semiconductors 74HCT4066N Datasheet HTML 21Page - NXP Semiconductors 74HCT4066N Datasheet HTML 22Page - NXP Semiconductors 74HCT4066N Datasheet HTML 23Page - NXP Semiconductors 74HCT4066N Datasheet HTML 24Page - NXP Semiconductors 74HCT4066N Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
2004 Nov 11
21
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
PACKAGE OUTLINES
UNIT
A
max.
1
2
(1)
(1)
b1
cD
(1)
Z
Ee
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT27-1
99-12-27
03-02-13
A
min.
A
max.
b
max.
w
ME
e 1
1.73
1.13
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2.2
4.2
0.51
3.2
0.068
0.044
0.021
0.015
0.77
0.73
0.014
0.009
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.087
0.17
0.02
0.13
050G04
MO-001
SC-501-14
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
14
1
8
7
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com