Electronic Components Datasheet Search
  English  ▼

X  

PLR233 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PLR233
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR233 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PLR233 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR233 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 8
Device NO.: DPL-233-001
Prepared date: 06-01-2006
Prepared By: Richard Hsu
Technical Data Sheet
Photo link Light Receiver Unit
PLR233
Features
1. High speed signal transmission(26Mbps NRZ Signal)
2. High PD sensitivity optimized for red light
3. Data : NRZ signal
4. Low power consumption for extended battery
life
5. Built-in threshold control for improved noise
Margin
6. Good ESD protection: up to 8KV
7. Pb Free
8. The product itself will remain within RoHS compliant
version.
9. Receiver sensitivity: up to –29dBm (Min. for 16Mbps)
up to –27dBm (Min. for 26Mbps)
Descriptions
The optical receiver is packaged with custom
optic data link interface, integrated on a proprietary
CMOS PDIC process.
The unit functions by converting optical signals
into electric ones.
The unit is operated at 2.4 ~ 5.5 V and the signal
output interface is TTL compatible with high
performance at low power consumption.
Applications
1. Digital Optical Data-Link
2. Dolby AC-3 Digital Audio Interface
3. HDMI Digital (192kHz) Audio Interface


Similar Part No. - PLR233

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
logo
Littelfuse
PLR240A LITTELFUSE-PLR240A Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Protek Devices
PLR2512H PROTEC-PLR2512H Datasheet
457Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
Everlight Electronics C...
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
Photo link Light Receiver Unit
05-15-2006
PLR253-S1 EVERLIGHT-PLR253-S1 Datasheet
146Kb / 8P
Photo link Light Receiver Unit
05-15-2006
More results

Similar Description - PLR233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLR131 ETC-PLR131 Datasheet
113Kb / 5P
Technical Data Sheet Photo link Light Receiver Unit
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
Technical Data Sheet Photo link Light Receiver Unit
04-06-2004
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
Technical Data Sheet Photo link Light Receiver Unit
07-25-2005
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
Photo link Light Receiver Unit
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
Photo-link Light Transmitter Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
Photo link Light Receiver Unit
2008/3/30
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
Photo link Light Receiver Unit
05-15-2006
EAPLTAA7 EVERLIGHT-EAPLTAA7 Datasheet
271Kb / 5P
Photo-link Light Transmitter Unit
06.15.2013
EAPLTBA4 EVERLIGHT-EAPLTBA4 Datasheet
356Kb / 5P
Photo-link Light Transmitter Unit
05.22.2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com