Electronic Components Datasheet Search
  English  ▼

X  

IL002 Datasheet(PDF) 1 Page - Ensign Corporation

Part # IL002
Description  Admiral Class - Lead Wires
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IL002 Datasheet(HTML) 1 Page - Ensign Corporation

  IL002 Datasheet HTML 1Page - Ensign Corporation IL002 Datasheet HTML 2Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flame Retardant, UL 94V0 Rating
High Efficiency
2.5VA to 56VA Power Rating
Single or Dual Primary, 115V, 115/230V or 230V
(Optional 120, 120/240, 240, 120 with taps, 240 with taps, or 120/240 with taps)
50/60Hz (Economy 60Hz-only Models Available)
Dual Secondary (Optional Single or Center-tapped)
Any Secondary Voltage from 5V to 240V in 1V Increments
Insulation Material 130oC Standard (Optional 200oC)
Optional Internal Current or Thermal Protector
High Isolation, 4000 Vrms, 100% Tested
Color Coded Lead Wires
Admiral Class — Lead Wires
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
UL 60950 Recognized (File E144070)
VDE 0805 Licensed (File 19019-3336-9002/A1C)
UL 1446 Recognized Insulation system (File E95662)
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
32
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Flame Retardant Material
Primary Schematics
Single Input
(Specify 115V or
120V)
Series/Parallel Input
(Specify 115/230V or
120/240V)
Single Input
(Specify 230V or
240V)
Secondary Schematics
Single Output
Center-Tapped
Output
Series/Parallel
Output
VA Rating
Secondary Voltage
Dimensions (Inches)
L
W
H
A
B
MC
WC
IL002
2.5VA
Parallel from
5V to 60V
Series, single &
center-tapped
from 10V to 240V
1.62
1.31
1.12
0.125*
1.06
-
-
IL005
5VA
1.62
1.31
1.36
0.125*
1.06
-
-
IL010
10VA
1.87
1.56
1.36
0.150*
1.25
-
-
IL020
20VA
2.25
1.87
1.64
0.156*
1.50
-
-
IL030
30VA
2.62
2.19
1.57
0.156**
-
2.18
1.75
IL056
56VA
3.00
2.50
1.82
0.218**
-
2.50
2.00
* = 2 holes, ** = 4 holes


Similar Part No. - IL002

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL002-1-012X ENSIGN-IL002-1-012X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL002-1-016X ENSIGN-IL002-1-016X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL002-1-020X ENSIGN-IL002-1-020X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL002-1-024X ENSIGN-IL002-1-024X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - IL002

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL025 ENSIGN-IL025 Datasheet
614Kb / 3P
Admiral Class - Lead Wires
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IP030-1-010X ENSIGN-IP030-1-010X Datasheet
381Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT025-1-010X ENSIGN-IT025-1-010X Datasheet
304Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT043-1-010X ENSIGN-IT043-1-010X Datasheet
298Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT175-1-010X ENSIGN-IT175-1-010X Datasheet
302Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
L006-1-510X ENSIGN-L006-1-510X Datasheet
499Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
L012-1-510X ENSIGN-L012-1-510X Datasheet
499Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com