Electronic Components Datasheet Search
  English  ▼

X  

P036-1-024X Datasheet(PDF) 2 Page - Ensign Corporation

Part # P036-1-024X
Description  Captain Class
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

P036-1-024X Datasheet(HTML) 2 Page - Ensign Corporation

  P036-1-024X Datasheet HTML 1Page - Ensign Corporation P036-1-024X Datasheet HTML 2Page - Ensign Corporation P036-1-024X Datasheet HTML 3Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number
115V
Primary
115/230V
Primary
Series
Secondary
Parallel
Secondary
230V
Primary
P001-1-010X* P001-2-010X*
10VCT @ 0.11A
5V @ 0.22A
P001-3-010X*
P002-1-010X* P002-2-010X*
10VCT @ 0.25A
5V @ 0.5A
P002-3-010X*
P006-1-010X
P006-2-010X
10VCT @ 0.6A
5V @ 1.2A
P006-3-010X
P012-1-010X
P012-2-010X
10VCT @ 1.2A
5V @ 2.4A
P012-3-010X
P020-1-010X
P020-2-010X
10VCT @ 2.0A
5V @ 4.0A
P020-3-010X
P036-1-010X
P036-2-010X
10VCT @ 3.6A
5V @ 7.2A
P036-3-010X
P001-1-012X* P001-2-012X*
12.6VCT @ 0.09A 6.3V @ 0.18A
P001-3-012X*
P002-1-012X* P002-2-012X*
12.6VCT @ 0.2A
6.3V @ 0.4A
P002-3-012X*
P006-1-012X
P006-2-012X
12.6VCT @ 0.5A
6.3V @ 1.0A
P006-3-012X
P012-1-012X
P012-2-012X
12.6VCT @ 1.0A
6.3V @ 2.0A
P012-3-012X
P020-1-012X
P020-2-012X
12.6VCT @ 1.6A
6.3V @ 3.2A
P020-3-012X
P036-1-012X
P036-2-012X
12.6VCT @ 2.85A 6.3V @ 5.7A
P036-3-012X
P001-1-016X* P001-2-016X*
16VCT @ 0.07A
8V @ 0.14A
P001-3-016X*
P002-1-016X* P002-2-016X*
16VCT @ 0.15A
8V @ 0.3A
P002-3-016X*
P006-1-016X
P006-2-016X
16VCT @ 0.4A
8V @ 0.8A
P006-3-016X
P012-1-016X
P012-2-016X
16VCT @ 0.8A
8V @ 1.6A
P012-3-016X
P020-1-016X
P020-2-016X
16VCT @ 1.25A
8V @ 2.5A
P020-3-016X
P036-1-016X
P036-2-016X
16VCT @ 2.25A
8V @ 4.5A
P036-3-016X
P001-1-020X* P001-2-020X*
20VCT @ 0.055A
10V @ 0.11A
P001-3-020X*
P002-1-020X* P002-2-020X*
20VCT @ 0.12A
10V @ 0.24A
P002-3-020X*
P006-1-020X
P006-2-020X
20VCT @ 0.3A
10V @ 0.6A
P006-3-020X
P012-1-020X
P012-2-020X
20VCT @ 0.6A
10V @ 1.2A
P012-3-020X
P020-1-020X
P020-2-020X
20VCT @ 1.0A
10V @ 2.0A
P020-3-020X
P036-1-020X
P036-2-020X
20VCT @ 1.8A
10V @ 3.6A
P036-3-020X
P001-1-024X
P001-2-024X
24VCT @ 0.045A
12V @ 0.09A
P001-2-024X
P002-1-024X* P002-2-024X*
24VCT @ 0.1A
12V @ 0.2A
P002-3-024X*
P006-1-024X
P006-2-024X
24VCT @ 0.25A
12V @ 0.5A
P006-3-024X
P012-1-024X
P012-2-024X
24VCT @ 0.5A
12V @ 1.0A
P012-3-024X
P020-1-024X
P020-2-024X
24VCT @ 0.8A
12V @ 1.6A
P020-3-024X
P036-1-024X
P036-2-024X
24VCT @ 1.5A
12V @ 3.0A
P036-3-024X
Part Number
115V
Primary
115/230V
Primary
Series
Secondary
Parallel
Secondary
230V
Primary
P001-1-028X P001-2-028X
28VCT @ 0.04A
14V @ 0.08A
P001-3-028X
P002-1-028X P002-2-028X
28VCT @ 0.085A
14V @ 0.17A
P002-3-028X
P006-1-028X P006-2-028X
28VCT @ 0.2A
14V @ 0.4A
P006-3-028X
P012-1-028X P012-2-028X
28VCT @ 0.42A
14V @ 0.84A
P012-3-028X
P020-1-028X P020-2-028X
28VCT @ 0.7A
14V @ 1.4A
P020-3-028X
P036-1-028X P036-2-028X
28VCT @ 1.3A
14V @ 2.6A
P036-3-028X
P001-1-036X P001-2-036X
36VCT @ 0.03A
18V @ 0.06A
P001-3-036X
P002-1-036X P002-2-036X
36VCT @ 0.065A
18V @ 0.13A
P002-3-036X
P006-1-036X P006-2-036X
36VCT @ 0.17A
18V @ 0.34A
P006-3-036X
P012-1-036X P012-2-036X
36VCT @ 0.35A
18V @ 0.7A
P012-3-036X
P020-1-036X P020-2-036X
36VCT @ 0.55A
18V @ 1.1A
P020-3-036X
P036-1-036X P036-2-036X
36VCT @ 1.0A
18V @ 2.0A
P036-3-036X
P001-1-048X P001-2-048X
48VCT @ 0.023A
24V @ 0.046A
P001-3-048X
P002-1-048X P002-2-048X
48VCT @ 0.05A
24V @ 0.1A
P002-3-048X
P006-1-048X P006-2-048X
48VCT @ 0.125A
24V @ 0.25A
P006-3-048X
P012-1-048X P012-2-048X
48VCT @ 0.25A
24V @ 0.5A
P012-3-048X
P020-1-048X P020-2-048X
48CT @ 0.4A
24V @ 0.8A
P020-3-048X
P036-1-048X P036-2-048X
48VCT @ 0.75A
24V @ 1.5A
P036-3-048X
P001-1-056X P001-2-056X
56VCT @ 0.02A
28V @ 0.04A
P001-3-056X
P002-1-056X P002-2-056X
56VCT @ 0.045A
28V @ 0.09A
P002-3-056X
P006-1-056X P006-2-056X
56VCT @ 0.11A
28V @ 0.22A
P006-3-056X
P012-1-056X P012-2-056X
56VCT @ 0.22A
28V @ 0.44A
P012-3-056X
P020-1-056X P020-2-056X
56VCT @ 0.35A
28V @ 0.7A
P020-3-056X
P036-1-056X P036-2-056X
56VCT @ 0.65A
28V @ 1.3A
P036-3-056X
P001-1-120X P001-2-120X
120VCT @0.01A
60V @ 0.02A
P001-3-120X
P002-1-120X P002-2-120X
120VCT @ 0.02A
60V @ 0.04A
P002-3-120X
P006-1-120X P006-2-120X
120VCT @ 0.05A
60V @ 0.1A
P006-3-120X
P012-1-120X P012-2-120X
120VCT @ 0.1A
60V @ 0.2A
P012-3-120X
P020-1-120X P020-2-120X
120VCT @ 0.16A
60V @ 0.32A
P020-3-120X
P036-1-120X P036-2-120X
120VCT @ 0.3A
60V @ 0.6A
P036-3-120X
Partial Selection Guide (Standard Stock)
Over 95,000 additional Captain Class model configurations available!
Refer to the Part Numbering Scheme on the next page to configure your own part with following options:
Primary: 120V, 120/240V, or 240V
Secondary: 5V to 120V, in 1V increments
Frequency: 50/60Hz, or economy 60Hz-only
Captain Class
With or without current or thermal protector(s)
Temperature Class: 130
C, or 200C
Models marked with * are also UL 5085-3 Class 2 recognized (see Page 9)
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
7
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com