Electronic Components Datasheet Search
  English  ▼

X  

TIP127 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP127
Description  PNP EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP127 Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP127_09 Datasheet HTML 1Page - Unisonic Technologies TIP127_09 Datasheet HTML 2Page - Unisonic Technologies TIP127_09 Datasheet HTML 3Page - Unisonic Technologies TIP127_09 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP127
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-005,D
ABSOLUTE MAXIMUM RATING (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
5
A
TO-126
40
W
Power Dissipation
TO-220
PD
65
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are the values beyond which the device will be damaged permanently.
Absolute maximum ratings are only stress ratings and it is not implied for functional device operation.
ELECTRICAL CHARACTERISTICS
(Ta =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=100mA
100
V
Collector Cut-Off Current
ICBO
VCB=100V
200
uA
Collector-Cut-Off Current
ICEO
VCE=50V
500
uA
Emitter Cut-Off Current
IEBO
VEB=5V
2
mA
Collector-Emitter Saturation Voltage
VCE(SAT)1
IC=3A, IB=12mA
2
V
Collector-Emitter Saturation Voltage
VCE(SAT)2
IC=5A, IB=20mA
4
V
Base-Emitter Saturation Voltage
VBE(ON)
VCE=3V, IC=3A
2.5
V
DC Current Gain
hFE
IC=500mA, VCE=3V
IC=3A, VCE=3V
1
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com