Electronic Components Datasheet Search
  English  ▼

X  

CGRC303-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CGRC303-G
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRC303-G Datasheet(HTML) 2 Page - Comchip Technology

  CGRC303-G Datasheet HTML 1Page - Comchip Technology CGRC303-G Datasheet HTML 2Page - Comchip Technology CGRC303-G Datasheet HTML 3Page - Comchip Technology CGRC303-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CGRC301-G thru CGRC307-G)
Percent of Rated Peak Reverse Voltage (%)
120
80
40
0
Fig.1 Reverse Characteristics
0.01
1
10
100
1000
Forward Voltage (V)
0
Fig.2 Forward Characteristics
0.01
0.1
1
10
0.2
Reverse Voltage (V)
0.1
Fig.3 Junction Capacitance
1
10
100
1
10
100
Ambient Temperature (°C)
Fig.4 Current Derating Curve
0
1.5
2.0
3.5
Comchip Technology CO., LTD.
Page 2
REV:B
0.4
0.8
1.4
1.2
0
25
175
0.5
3.0
60
140
1.0
SMD General Purpose Rectifiers
20
100
0.1
0.6
1.0
O
TJ=25 C
f=1MHz
Vsig=50mVp-p
50
75
100
125
150
2.5
Single phase, half
wave 60Hz, resistive
or inductive load
Number of Cycles at 60Hz
1
Fig.5 Non-repetitive Forward Surge Current
0
60
120
10
100
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
20
40
100
80
O
TJ=125 C
O
TJ=25 C
O
TJ=25 C
Pulse width 300μS
4% duty cycle
QW-BG005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com