Electronic Components Datasheet Search
  English  ▼

X  

BVU Datasheet(PDF) 1 Page - PowerVolt Inc.

Part # BVU
Description  Unregulated Open Frame DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERVOLT [PowerVolt Inc.]
Direct Link  http://www.powervolt.com
Logo POWERVOLT - PowerVolt Inc.

BVU Datasheet(HTML) 1 Page - PowerVolt Inc.

  BVU Datasheet HTML 1Page - PowerVolt Inc. BVU Datasheet HTML 2Page - PowerVolt Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO ORDER CALL
TEL: (630) 628-9999
FAX:(630) 628-9922
300 W Factory Road
TOLL FREE: (888) 797-8658
Addison, IL 60101
EMAIL: sales@powervolt.com
Unregulated Open Frame DC Power Supplies
Series: BVU
RoHS
● Low cost unregulated DC power supplies
● Field-selectable input taps 103/115/126/207/230/253 VAC for fine-
tuning output to match actual field conditions
● Improved ripple - 3% maximum
● Fuse protected output
● Computer grade capacitors
● Floating output provides versatility for wiring
● Safety Agency Approvals BVU Series:
− UL 1950, third edition, File #E181899.
− CSA, C22.2 No.950, File #E181899.
− CE Marked.
The BVU Series
Specifications
The BVU Series of unregulated DC power supplies is the
AC input: 115/230VAC, 50/60Hz nominal.
best low cost alternative, where moderate output variations
Field selectable taps for ±10%. High line tolerance on
and AC ripple are acceptable. The field-selectable input taps voltage is +10%
allow fine-tuning the output voltage to match actual field
DC Output: Floating fixed output at full load ratings
conditions. The DC output is fused for short circuit
(see table).Transformer taps provided for approx. 10%
protection. For maximum versatility, the output is floating
output voltage adjustment.
and may be referenced to another low voltage common
Ripple: 3% rms maximum at normal line and full rated
ground or placed in series with other DC power supplies.
load.
Operating Temperature: 0-50°C(Derate 2% per °C
Applications
to 70°C)
● DC Motors - Stepping and Servos
Overload and Short Circuit Protection: Fused
● Solenoid values
output It should be noted that the fuse is not necessarily
● Relays
direct in line with the output. In most models the fuse is
● Lamps and Signal Systems
prior to the output capacitor and in case of a short
● Input to 3-terminal on-board regulators
circuit, the capacitor energy will be discharged into the
● Some Floppy Disk Drives
load even if the fuse has opened.
Schematic shows transformer taps provided for approx.
+/- 10% output voltage adjustment. Typical full load
output voltage at 115VAC input using taps 1 and 3. For
10% higher output voltage use taps 1 and 2. For 10%
lower output voltage use taps 1 and 4.


Similar Part No. - BVU

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVU-359BA9 BVLED-BVU-359BA9 Datasheet
326Kb / 5P
OVAL LED LAMP
BVU-359GN9 BVLED-BVU-359GN9 Datasheet
326Kb / 5P
OVAL LED LAMP
BVU-359QH9 BVLED-BVU-359QH9 Datasheet
240Kb / 4P
OVAL LED LAMP
BVU-359QT9 BVLED-BVU-359QT9 Datasheet
241Kb / 4P
OVAL LED LAMP
BVU-359TH9M BVLED-BVU-359TH9M Datasheet
240Kb / 4P
OVAL LED LAMP
More results

Similar Description - BVU

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530 Datasheet
227Kb / 2P
Power Supplies - Open Frame
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
Open Frame AC-DC Power Supplies
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
AC-DC Power Supplies Open Frame/ Enclosed type
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
AC/DC Open Frame Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
AC/DC Open Frame LED Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
AC/DC Open Frame LED Power Supplies
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
Power Supplies - Open Frame
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com