Electronic Components Datasheet Search
  English  ▼

X  

CURC302-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CURC302-G
Description  SMD Ultra Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURC302-G Datasheet(HTML) 3 Page - Comchip Technology

  CURC302-G Datasheet HTML 1Page - Comchip Technology CURC302-G Datasheet HTML 2Page - Comchip Technology CURC302-G Datasheet HTML 3Page - Comchip Technology CURC302-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
REV:B
Polarity
B
C
d
D
D2
D1
SYMBOL
A
(mm)
(inch)
8.00 0.10
±
1.50 ± 0.1
4.00 0.10
±
2.00 0.05
±
16.0 ± 0.30
0.060 0.039
±
SYMBOL
(mm)
(inch)
0.630 0.012
±
0.315 0.004
±
0.157 0.004
±
0.079 0.002
±
E
F
P
P0
P1
W
W1
1.75 0.10
±
0.069 0.004
±
7.50 0.10
±
0.295±0.004
6.3 Max
8.6 Max
0.339 Max
SMC
(DO-214AB)
SMC
(DO-214AB)
0.248 Max
2.9 Max
0.114 Max
330 ± 2.0
13.00 ± 0.079
50.0 min
1.969 min
13.5 ± 1
0.531 0.039
±
22.4 Max
0.882 Max
QW-BU004
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
SMD Ultra Fast Recovery Rectifiers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com