Electronic Components Datasheet Search
  English  ▼

X  

RT17040 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT17040
Description  Accessories Industrial Power Relay RT / RP / SR2M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT17040 Datasheet(HTML) 1 Page - Tyco Electronics

  RT17040 Datasheet HTML 1Page - Tyco Electronics RT17040 Datasheet HTML 2Page - Tyco Electronics RT17040 Datasheet HTML 3Page - Tyco Electronics RT17040 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Accessories Industrial Power Relay RT / RP / SR2M
and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
Features
· New retainer clip with ejection function
· Easy replacement of relays on a densely packed DIN rail
· High quality rising clamp terminals
· Captive combination terminal screws
· No reduction of protection class or creepage/clearance
with plastic retainer
· Simple plug-in indicator- and protection modules
· White snap-on tags
· Not suitable for bistable relays with 2 coils
Accessories for sockets:
· Rejector
· LED- and protection modules
· Marking tags
RT 78 724 Socket with screw-type terminals,
pinning 3.5 mm for DIN rail mounting
Z
Technical data
Rated current
12 A
Rated voltage
250 Vac
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-25...85 °C
Protection category
IP 20
Wire cross section
2 x 2.5 mm2
with bootlace crimp
2 x 1.5 mm2
Terminal torque
0.5 Nm
max.
0.7 Nm
Packaging unit
10 pcs.
Socket with screw-type terminals for DIN rail mounting
F0228-A
F0229-A
S0416-AA
RT 78 726 Socket with screw-type terminals,
pinning 5 mm for DIN rail mounting
Z
Technical data
Rated current
1 pole
12 A *)
2 pole
2 x 12 A
Rated voltage
250 Vac
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-25...85 °C
Protection category
IP 20
Wire cross section
2 x 2.5 mm2
with bootlace crimp
2 x 1.5 mm2
Terminal torque
0.5 Nm
max.
0.7 Nm
Packaging unit
10 pcs.
*) For 1 pole relays (16 A) the relay terminals
11-21, 12-22 and 14-24 have to be bridged
For 1 pole relays (12 A) the relay terminals 11-
12-14 have to be connected to the socket
terminals 21-12-24
F0230-A
S0416-AB
RT 78 724 and RT 78 726
· Logical setup of connections (input / output)
· Safe separation to VDE 0106
Dimensions in mm
Socket with screw-type terminals for DIN rail mounting
Type
Part Number
RT 78 724
Socket with screw-type terminals,
pinning 3.5 mm for DIN rail mounting
8-1415035-1
RT 78 726
Socket with screw-type terminals,
pinning 5 mm for DIN rail mounting
6-1415035-1


Similar Part No. - RT17040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT17040 MACOM-RT17040 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
logo
TE Connectivity Ltd
RT17040 TEC-RT17040 Datasheet
913Kb / 4P
General Purpose Relays Accessories
07-2016, Rev. 0716
More results

Similar Description - RT17040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR2M MACOM-SR2M_09 Datasheet
227Kb / 3P
Safety Relay SR2M
RT78724 MACOM-RT78724 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
Interface Power Relay RT
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
Safety Relay SR2M
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
Interface Power Relay RT
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
Accessories Industrial Power Relay RT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com