Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C166 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SAB80C166 Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 11Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 12Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 13Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 14Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 15Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 16Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
12
Interrupt System
With an interrupt response time within a range from just 250 ns to 600 ns (in case of internal
program execution), the SAB 80C166 is capable of reacting very fast to the occurrence of non-
deterministic events.
The architecture of the SAB 80C166 supports several mechanisms for fast and flexible response to
service requests that can be generated from various sources internal or external to the
microcontroller. Any of these interrupt requests can be programmed to being serviced by the
Interrupt Controller or by the Peripheral Event Controller (PEC).
In contrast to a standard interrupt service where the current program execution is suspended and
a branch to the interrupt vector table is performed, just one cycle is ‘stolen’ from the current CPU
activity to perform a PEC service. A PEC service implies a single byte or word data transfer between
any two memory locations with an additional increment of either the PEC source or the destination
pointer. An individual PEC transfer counter is implicity decremented for each PEC service except
when performing in the continuous transfer mode. When this counter reaches zero, a standard
interrupt is performed to the corresponding source related vector location. PEC services are very
well suited, for example, for supporting the transmission or reception of blocks of data, or for
transferring A/D converted results to a memory table. The SAB 80C166 has 8 PEC channels each
of which offers such fast interrupt-driven data transfer capabilities.
A separate control register which contains an interrupt request flag, an interrupt enable flag and an
interrupt priority bitfield exists for each of the possible interrupt sources. Via its related register, each
source can be programmed to one of sixteen interrupt priority levels. Once having been accepted
by the CPU, an interrupt service can only be interrupted by a higher prioritized service request. For
the standard interrupt processing, each of the possible interrupt sources has a dedicated vector
location.
Software interrupts are supported by means of the ‘TRAP’ instruction in combination with an
individual trap (interrupt) number.
The following table shows all of the possible SAB 80C166 interrupt sources and the corresponding
hardware-related interrupt flags, vectors, vector locations and trap (interrupt) numbers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com