Electronic Components Datasheet Search
  English  ▼

X  

SS210A Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SS210A
Description  2.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SS210A Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SS210A Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SS210A Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0AMP SCHOTTKY BARRIER RECTIFIERS
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* High reliability
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Mounting position: Any
* Weight: 0.066 grams
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SS22A SS23A SS24A SS25A SS26A SS28A SS210A SS215A SS220A
UNIT
Marking Code
SS22A SS23A SS24A SS25A SS26A SS28A SS210A SS215A SS220A
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
IO
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance
(Note 1)
CJ
60
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL SS22A SS23A SS24A SS25A SS26A SS28A SS210A SS215A SS220A
UNIT
Maximum Forward Voltage at
2.0A DC
@TA=25℃
VF
0.87
0.90
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
201
2.01
WILLAS ELECTRONIC CORP.
IR
50
0.5
0.2
15.0
70.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SMA PACKAGE
CHARACTERISTICS
-55 to +125
-55 to +150
0.50
Amps
IFSM
2.0
0.70
0.85
100
80
115
90
SS22A
THRU
SS220A
Pb Free Product
WILLAS
mAmps
50.0
Typical Thermal Resistance
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC


Similar Part No. - SS210A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS210A BILIN-SS210A Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SS210A SEMTECH_ELEC-SS210A Datasheet
205Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS210A YANGJIE-SS210A Datasheet
168Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS210A DACHANG-SS210A Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
logo
Frontier Electronics.
SS210A FRONTIER-SS210A Datasheet
183Kb / 2P
2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS210A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SR220 WILLAS-SR220 Datasheet
278Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
SR220-01 WILLAS-SR220-01 Datasheet
421Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-15 PACKAGE
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
2.0AMP. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com