Electronic Components Datasheet Search
  English  ▼

X  

RT16041 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT16041
Description  Accessories Industrial Power Relay RT / RP / SR2M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT16041 Datasheet(HTML) 2 Page - Tyco Electronics

  RT16041 Datasheet HTML 1Page - Tyco Electronics RT16041 Datasheet HTML 2Page - Tyco Electronics RT16041 Datasheet HTML 3Page - Tyco Electronics RT16041 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Accessories Industrial Power Relay RT / RP / SR2M
and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
Accessories for RT 78 724, RT 78 726
Type
Part Number
RT 17 016
Plastic retaining clip, relay height 15.7 and 25.5 mm
1-1415038-1
RT 17 040
Marking tag
2-1415038-1
LED- and Protection Modules for RT 78 724, RT 78 726
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
PTM T0 0A0
Protection diode (A1+, A2-)
9-1415036-1
PTM T0 0L0
Protection diode (A1-, A2+)
0-1415037-1
PTM U0 524
RC-network 6...60 Vac
1-1415037-1
PTM U0 730
RC-network 110...230 Vac
2-1415037-1
PTM V0 524
Varistor 24 Vac
3-1415037-1
PTM V0 615
Varistor 115 Vac
6-1415365-1
PTM V0 730
Varistor 230 Vac
4-1415037-1
LED
PTM L0 524
red LED 6...24 Vdc/Vac
6-1415036-1
PTM G0 524
green LED 6...24 Vdc/Vac
3-1415036-1
PTM L0 024
red LED 6...24 Vdc w. prot.diode (A1+, A2-)
5-1415036-1
PTM G0 024
green LED 6...24 Vdc w. prot.diode (A1+, A2-)
2-1415036-1
PTM L1 024
red LED 6...24 Vdc w. prot. diode (A1-, A2+)
8-1415036-1
PTM L0 730
red LED 110...230 Vac
7-1415036-1
PTM G0 730
green LED 110...230 Vac
4-1415036-1
F0231-A
F0232-A
Marking tags
· White marking area 15.5 x 6 mm
· Snaps on socket in up to 4 positions
S0416-AC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com