Electronic Components Datasheet Search
  English  ▼

X  

Z0107MA0 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # Z0107MA0
Description  Logic level four-quadrant triac
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107MA0 Datasheet(HTML) 2 Page - NXP Semiconductors

  Z0107MA0 Datasheet HTML 1Page - NXP Semiconductors Z0107MA0 Datasheet HTML 2Page - NXP Semiconductors Z0107MA0 Datasheet HTML 3Page - NXP Semiconductors Z0107MA0 Datasheet HTML 4Page - NXP Semiconductors Z0107MA0 Datasheet HTML 5Page - NXP Semiconductors Z0107MA0 Datasheet HTML 6Page - NXP Semiconductors Z0107MA0 Datasheet HTML 7Page - NXP Semiconductors Z0107MA0 Datasheet HTML 8Page - NXP Semiconductors Z0107MA0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Z0107MA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 12 May 2011
2 of 15
NXP Semiconductors
Z0107MA0
4Q Triac
2.
Pinning information
3.
Ordering information
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+;
Tj =25°C; see Figure 7
0.3
-
5
mA
VD =12V; IT = 0.1 A; T2+ G-;
Tj =25°C; see Figure 7
0.3
-
5
mA
VD =12V; IT = 0.1 A; T2- G-;
Tj =25°C; see Figure 7
0.3
-
5
mA
VD =12V; IT = 0.1 A; T2- G+;
Tj =25°C; see Figure 7
0.3
-
7
mA
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
T2
main terminal 2
SOT54 (TO-92)
2
G
gate
3
T1
main terminal 1
1
2
3
sym051
T1
G
T2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
Z0107MA0
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com