Electronic Components Datasheet Search
  English  ▼

X  

Z02201 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z02201
Description  V.22BIS Data Pump with INTEGRATED AFE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02201 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z02201 Datasheet HTML 1Page - Zilog, Inc. Z02201 Datasheet HTML 2Page - Zilog, Inc. Z02201 Datasheet HTML 3Page - Zilog, Inc. Z02201 Datasheet HTML 4Page - Zilog, Inc. Z02201 Datasheet HTML 5Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3%
=
9ELV 'DWD3XPS ZLWK ,QWHJUDWHG $)(

3LQ2XWV DQG3LQ'LUHFWLRQ
)LJXUH  = 3LQ 3/&& ,GHQWLILFDWLRQ
2UGHULQJ ,QIRUPDWLRQ
Refer to the Z02201 Product Update (
KWWSZZZ]LORJFRPGRFVPRGHP]XSGDWHSGI) for the
software differences between the two ROM code versions. The Product Update also lists the workarounds
for Version 0x31 of the ROM code.
For fast results, contact your local ZiLOG sales offive for assistance in ordering this part.
<2.%%
#8&&
6:
6:
#)0&
8TGH
#)0&
%(
%(
4:+
4:+
#8&&
1*
6:&
6%.-
4:&
4.5&
*&
*&
*&
*&
*&
*&
*
%
5
*
#

*
#

*
#

*
+4
3
*
9
4
8
&
&
*
4
&
)
0
&
*
&

*
&

';
'5
6$
';
'1
7
6
';
'%
.-
6'
56

)
0
&
4'
5
'6
8
&
&
':
6#
.
:
6#
.
6'
56

4%
.-
46
5







= 0+]3LQ 3/&&
520 FRGH9HUVLRQ [ =96&5
520 FRGH9HUVLRQ [ =96&5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com