Electronic Components Datasheet Search
  English  ▼

X  

Z02205 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z02205
Description  MODEM EVALUATION KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02205 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z02205 Datasheet HTML 1Page - Zilog, Inc. Z02205 Datasheet HTML 2Page - Zilog, Inc. Z02205 Datasheet HTML 3Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Z0220100ZCO
Modem Evaluation Kit
Zilog
2
P R E L I M I N A R Y
CP97FMO0501
KIT CONTENTS
Hardware
–
Modem Evaluation Card including modem DSP
code in on-chip ROM, and modem controller code
in on-chip ROM
–
12VAC power converter (110V wall supply).
Connector is 2.1mm (inner diameter) by 5.5mm
(outer diameter) female type
–
RJ11 Phone Cord (6 feet length)
3.5” High Density Floppy Disk
–
Utility Program for configuring modem controller
code for use in different countries
–
Hex Object Code to be Modified
–
Sample Datapump Driver Code Written in C
–
read.me file includes instructions for using the eval
kit
Documentation
–
Evaluation Kit User Manual
–
Low
Speed
Embedded
Modem
Chipsets
DataBook
–
Schematics of the demonstration board in OrCAD
for Windows
–
“Print files” of board schematic
–
Net list of evaluation board
–
Registration Card
ADDITIONAL REQUIRED AND OPTIONAL ITEMS
Required Items Not Supplied with Kit
–
IBM PC (or compatible) with the following
minimum1 recommended configuration:
–
A terminal emulator program such as Windows
Terminal, HyperTerm™ or ProComm™ running on
the PC
–
RS-232C cable to connect the card to the host PC
–
25-pin to 9-pin adaptor
Optional Items Not Supplied with Kit
–
CP Clare DAA Modules
CP Clare Corporation
78 Cherry Hill Drive
Beverly, MA 01915-1048
TEL: 978-524-6700
FAX: 978-524-4700
1-800-CP-CLARE
NET: www.cpclare.com
–
Z89C50 ICEBOX Z8 Emulator for modifications to
modem controller code and to program Z02205
Modem Controller
–
Additional jumper wires and shunts
–
C-compiler for modem controller code -- Z8C
Code
Development
System
(available
from
Bytecraft Limited):
Bytecraft Limited
421 King Street North
Waterloo, Ontario, Canada N2J 4E4
TEL: 1-519-888-6911
FAX: 1-519-746-6751
NET: www.bytecraft.com
–
386 CPU, 33 MHz
–
4 MB of RAM
–
Hard disk drive (1 MB free space)2
–
VGA video adapter
–
3.5-inch high-density floppy disk drive
–
RS-232C communications port
–
Windows® 3.1 or Windows 95
Notes:
1. For increased performance we recommend a 486- or
Pentium-based machine operating at 66 MHz or fast-
er with 8 MB of RAM.
2. Additional disk space may be required for terminal
emulator program(s), C compiler, and user-generat-
ed source files.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com