Electronic Components Datasheet Search
  English  ▼

X  

Z0107NAT/R Datasheet(PDF) 3 Page - NXP Semiconductors

Part # Z0107NAT/R
Description  Logic level four-quadrant triac
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107NAT/R Datasheet(HTML) 3 Page - NXP Semiconductors

  Z0107NAT/R Datasheet HTML 1Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 2Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 3Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 4Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 5Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 6Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 7Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 8Page - NXP Semiconductors Z0107NAT/R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Z0107NA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 22 March 2011
3 of 14
NXP Semiconductors
Z0107NA
4Q Triac
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 45 °C;
see Figure 3; see Figure 1; see Figure 2
-1
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) =25°C; tp = 20 ms;
see Figure 4; see Figure 5
-8
A
full sine wave; Tj(init) =25°C; tp = 16.7 ms
-
8.5
A
I2tI2t for fusing
tp = 10 ms; sine-wave pulse
-
0.32
A2s
dIT/dt
rate of rise of on-state current
IT =1 A; IG =20 mA; dIG/dt = 0.1 A/µs;
T2+ G+
-50
A/µs
IT =1 A; IG =20 mA; dIG/dt = 0.1 A/µs;
T2+ G-
-50
A/µs
IT =1 A; IG =20 mA; dIG/dt = 0.1 A/µs;
T2- G-
-50
A/µs
IT =1 A; IG =20 mA; dIG/dt = 0.1 A/µs;
T2- G+
-20
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
Fig 1.
RMS on-state current as a function of lead
temperature; maximum values
Fig 2.
RMS on-state current as a function of surge
duration; maximum values
003aac264
0
0.4
0.8
1.2
-50
0
50
100
150
Tlead(°C)
IT(RMS )
(A)
003a a f977
0
4
8
12
16
10-2
10-1
1
10
surge duration (s)
IT(RMS)
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com