Electronic Components Datasheet Search
  English  ▼

X  

Z0103NN2AL2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # Z0103NN2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103NN2AL2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button Z0103NN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 9Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 10Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 11Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Z01
Packaging information
Doc ID 7474 Rev 10
9/12
Figure 16.
SMBflat-3L footprint dimensions
Table 7.
TO-92 dimensions
REF.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.35
0.053
B
4.70
0.185
C2.54
0.100
D4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
Table 8.
SMBflat-3L dimensions
Ref.
Dimensions
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
0.35
0.65
0.014
0.026
b4
1.95
2.20
0.07
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
L1
0.40
0.016
L2
0.60
0.024
e
1.60
0.063
A
F
C
B
a
DE
D
A
L 2x
L
L2
L1
L1
L2 2x
E E1
b4
c
e
b 2x
millimeters
(inches)
1.20
(0.047)
2.07
(0.082)
0.51
(0.020)
0.51
(0.020)
1.20
(0.047)
3.44
(0.136)
5.84
(0.230)
2.07
(0.082)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com