Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5755
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices AD5755 Datasheet HTML 23Page - Analog Devices AD5755 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 20 of 48
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0.025
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
4mA TO 20mA RANGE, INTERNAL RSET
4mA TO 20mA RANGE, EXTERNAL RSET
Figure 37. Total Unadjusted Error vs. Temperature
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
4mA TO 20mA RANGE, INTERNAL RSET
4mA TO 20mA RANGE, EXTERNAL RSET
Figure 38. Full-Scale Error vs. Temperature
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
4mA TO 20mA RANGE, INTERNAL RSET
4mA TO 20mA RANGE, EXTERNAL RSET
Figure 39. Gain Error vs. Temperature
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
5
10
15
20
25
30
SUPPLY (V)
MIN INL
MAX INL
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
AVSS = –10.8V FOR AVDD < +10.8V
4mA TO 20mA RANGE
Figure 40. Integral Nonlinearity Error vs. Supply, External RSET
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
5
10
15
20
25
30
SUPPLY (V)
MIN INL
MAX INL
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
AVSS = –10.8V FOR AVDD < +10.8V
4mA TO 20mA RANGE
Figure 41. Integral Nonlinearity Error vs. Supply, Internal RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
25
30
SUPPLY (V)
MAX DNL
MIN DNL
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
AVSS = –10.8V FOR AVDD < +10.8V
ALL RANGES
Figure 42. Differential Nonlinearity Error vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com