Electronic Components Datasheet Search
  English  ▼

X  

AD5750 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5750
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5750 Datasheet HTML 16Page - Analog Devices AD5750 Datasheet HTML 17Page - Analog Devices AD5750 Datasheet HTML 18Page - Analog Devices AD5750 Datasheet HTML 19Page - Analog Devices AD5750 Datasheet HTML 20Page - Analog Devices AD5750 Datasheet HTML 21Page - Analog Devices AD5750 Datasheet HTML 22Page - Analog Devices AD5750 Datasheet HTML 23Page - Analog Devices AD5750 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD5750/AD5750-1/AD5750-2
Data Sheet
Rev. D | Page 20 of 36
0.020
0.015
–0.015
–0.010
–0.005
0
0.005
0.010
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+4mA TO +20mA EXTERNAL RSET
0mA TO +20mA EXTERNAL RSET
0mA TO +24mA EXTERNAL RSET
±20mA EXTERNAL RSET
±24mA EXTERNAL RSET
Figure 42. Gain Error vs. Temperature, External RSET Sense Resistor
0.08
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.04
0.02
0.06
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+4mA TO +20mA INTERNAL RSET
0mA TO +20mA INTERNAL RSET
0mA TO +24mA INTERNAL RSET
±20mA INTERNAL RSET
±24mA INTERNAL RSET
Figure 43. Gain Error vs. Temperature, Internal RSET Sense Resistor
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
105
25
–40
TEMPERATURE (°C)
AVDD COMPLIANCE
AVSS COMPLIANCE
Figure 44. Output Compliance vs. Temperature
Tested When IOUT = 10.8 mA, ±24 mA Range Selected
12
10
8
6
4
2
0
–2
0.000010
–0.000010
–0.000008
–0.000006
–0.000004
–0.000002
0
0.000002
0.000004
0.000006
0.000008
10
VDD
IOUT
–10
–8
–6
–4
–2
0
2
4
6
8
TIME (ms)
Figure 45. VDD and Output Current (IOUT) vs. Time-On Power-Up
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
8
–2
–1
0
1
2
3
4
5
6
7
TIME (µs)
Figure 46. Output Current (IOUT) vs. Time-On Output Enable
0.025
0.020
0.015
0.010
0.005
0
68
61
54
48
41
34
28
21
14
8
1
–12
–6
TIME (µs)
Figure 47. 4 mA to 20 mA Output Current Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com