Electronic Components Datasheet Search
  English  ▼

X  

AD5660 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5660
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5660 Datasheet HTML 24Page - Analog Devices AD5660 Datasheet HTML 25Page - Analog Devices AD5660 Datasheet HTML 26Page - Analog Devices AD5660 Datasheet HTML 27Page - Analog Devices AD5660 Datasheet HTML 28Page - Analog Devices AD5660 Datasheet HTML 29Page - Analog Devices AD5660 Datasheet HTML 30Page - Analog Devices AD5660 Datasheet HTML 31Page - Analog Devices AD5660 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD5750/AD5750-1/AD5750-2
Data Sheet
Rev. D | Page 28 of 36
Readback Operation
Readback mode is activated by selecting the correct device address
(A2, A1, A0) and then setting the R/W bit to 1. By default, the
SDO pin is disabled. After having addressed the AD5750/
AD5750-1/AD5750-2 for a read operation, setting R/W to 1
enables the SDO pin and SDO data is clocked out on the fifth
rising edge of SCLK. After data is clocked out on SDO, a rising
edge on SYNC disables (tristate) the SDO pin again. Status
register data (see Table 9) and control register data are both
available during the same read cycle.
The status bits comprise four read-only bits. They are used to
notify the user of specific fault conditions that occur, such as an
open circuit or short circuit on the output, an overtemperature
error, or an interface error. If any of these fault conditions occur,
a hardware FAULT is also asserted low, which can be used as a
hardware interrupt to the controller.
See the Detailed Description of Features section for a full
explanation of fault conditions.
HARDWARE CONTROL
Hardware control is enabled by connecting the HW SELECT
pin to DVCC. In this mode, the R3, R2, R1, and R0 pins, in
conjunction with the RSET pin, are used to configure the
output range per Table 8.
In hardware mode, there is no status register. The fault conditions
(open circuit, short circuit, and overtemperature) are available
on the IFAULT, VFAULT, and TEMP pins. If any one of these
fault conditions are set, a low is asserted on the specific fault pin.
IFAULT, VFAULT, and TEMP are open-drain outputs and,
therefore, can be connected together to allow the user to generate
one interrupt to the system controller to communicate a fault.
If hardwired in this way, it is not possible to isolate which fault
occurred in the system.
TRANSFER FUNCTION
The AD5750/AD5750-1/AD5750-2 consist of an internal signal
conditioning block that maps the analog input voltage to a
programmed output range. The available analog input ranges are
0 V to 4.096 V (AD5750) and 0 V to 2.5 V (AD5750-1/AD5750-2).
For all ranges, both current and voltage, the AD5750, AD5750-1,
and AD5750-2 implement a straight linear mapping function,
where 0 V maps to the lower end of the selected range and 4.096 V
(or 2.5 V for AD5750-1/AD5750-2) maps to the upper end of the
selected range.
Table 9. Input Shift Register Contents for a Read Operation—Status Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
1
0
R3
R2
R1
R0
CLRSEL
OUTEN
RSET
PEC
Error
OVER
TEMP
IOUT
Fault
VOUT
Fault
Table 10. Status Bit Options
Bit
Description
PEC Error
This bit is set if there is an interface error detected by CRC-8 error checking. See the Detailed Description of Features section.
OVER TEMP
This bit is set if the AD5750/AD5750-1/AD5750-2 core temperature exceeds approximately 150°C.
IOUT Fault
This bit is set if there is an open circuit on the IOUT pin.
VOUT Fault
This bit is set if there is a short circuit on the VOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com