Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8663
Description  22 關A, RRIO, CMOS, 18 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8663 Datasheet HTML 11Page - Analog Devices AD8663 Datasheet HTML 12Page - Analog Devices AD8663 Datasheet HTML 13Page - Analog Devices AD8663 Datasheet HTML 14Page - Analog Devices AD8663 Datasheet HTML 15Page - Analog Devices AD8663 Datasheet HTML 16Page - Analog Devices AD8663 Datasheet HTML 17Page - Analog Devices AD8663 Datasheet HTML 18Page - Analog Devices AD8663 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8546/AD8548
Rev. B | Page 15 of 24
1
10
100
1000
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 2.7V
Figure 51. Voltage Noise Density vs. Frequency
TIME (2s/DIV)
VSY = 2.7V
Figure 52. 0.1 Hz to 10 Hz Noise
0
0.5
1.0
1.5
2.0
2.5
3.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 2.7V
VIN = 2.6V
RL = 1MΩ
AV = +1
Figure 53. Output Swing vs. Frequency
1
10
100
1000
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 18V
Figure 54. Voltage Noise Density vs. Frequency
TIME (2s/DIV)
VSY = 18V
Figure 55. 0.1 Hz to 10 Hz Noise
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
2
4
6
8
10
12
14
16
18
20
VSY = 18V
VIN = 17.9V
RL = 1MΩ
AV = +1
Figure 56. Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com