Electronic Components Datasheet Search
  English  ▼

X  

AD5060 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5060
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5060 Datasheet HTML 25Page - Analog Devices AD5060 Datasheet HTML 26Page - Analog Devices AD5060 Datasheet HTML 27Page - Analog Devices AD5060 Datasheet HTML 28Page - Analog Devices AD5060 Datasheet HTML 29Page - Analog Devices AD5060 Datasheet HTML 30Page - Analog Devices AD5060 Datasheet HTML 31Page - Analog Devices AD5060 Datasheet HTML 32Page - Analog Devices AD5060 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 29 of 36
DETAILED DESCRIPTION OF FEATURES
OUTPUT FAULT ALERT—SOFTWARE MODE
In software mode, the AD5750/AD5750-1/AD5750-2 are equipped
with one FAULT pin; this is an open-drain output allowing several
AD5750/AD5750-1/AD5750-2 devices to be connected together
to one pull-up resistor for global fault detection. In software mode,
the FAULT pin is forced active low by any one of the following
fault scenarios:
•
The voltage at IOUT attempts to rise above the compliance
range due to an open-loop circuit or insufficient power supply
voltage. The internal circuitry that develops the fault output
avoids using a comparator with window limits because this
requires an actual output error before the fault output becomes
active. Instead, the signal is generated when the internal
amplifier in the output stage has less than approximately
1 V of remaining drive capability. Thus, the fault output
activates slightly before the compliance limit is reached.
Because the comparison is made within the feedback loop
of the output amplifier, the output accuracy is maintained
by its open-loop gain, and an output error does not occur
before the fault output becomes active.
•
A short is detected on the voltage output pin (VOUT). The
short-circuit current is limited to 15 mA.
•
An interface error is detected due to PEC failure. See the
Packet Error Checking section.
•
The core temperature of the AD5750/AD5750-1/AD5750-2
exceeds approximately 150°C.
OUTPUT FAULT ALERT—HARDWARE MODE
In hardware mode, the AD5750/AD5750-1/AD5750-2 are
equipped with three fault pins: VFAULT, IFAULT, and TEMP.
These are open-drain outputs allowing several AD5750/AD5750-1/
AD5750-2 devices to be connected together to one pull-up resistor
for global fault detection. In hardware control mode, these fault
pins are forced active by any one of the following fault scenarios:
•
An open circuit is detected. The voltage at IOUT attempts
to rise above the compliance range, due to an open-loop
circuit or insufficient power supply voltage. The internal
circuitry that develops the fault output avoids using a
comparator with window limits because this requires an
actual output error before the fault output becomes active.
Instead, the signal is generated when the internal amplifier
in the output stage has less than approximately 1 V of
remaining drive capability. Thus, the fault output activates
slightly before the compliance limit is reached. Because the
comparison is made within the feedback loop of the output
amplifier, the output accuracy is maintained by its open-
loop gain, and an output error does not occur before the
fault output becomes active. If this fault is detected, the
IFAULT pin is forced low.
•
A short is detected on the voltage output pin (VOUT). The
short-circuit current is limited to 15 mA. If this fault is
detected, the VFAULT pin is forced low.
•
The core temperature of the AD5750/AD5750-1/AD5750-2
exceeds approximately 150°C. If this fault is detected, the
TEMP pin is forced low.
VOLTAGE OUTPUT SHORT-CIRCUIT PROTECTION
Under normal operation, the voltage output sinks and sources
up to 12 mA and maintains specified operation. The maximum
current that the voltage output delivers is 15 mA; this is the
short-circuit current.
ASYNCHRONOUS CLEAR (CLEAR)
CLEAR is an active high clear that allows the voltage output to
be cleared to either zero-scale code or midscale code and is
user-selectable via the CLRSEL pin or the CLRSEL bit of the input
shift register, as described in Table 8. (The clear select feature is
a logical OR function of the CLRSEL pin and the CLRSEL bit).
The current loop output clears to the bottom of its programmed
range. When the CLEAR signal is returned low, the output returns
to its programmed value or to a new programmed value. A clear
operation can also be performed via the clear command in the
control register (see Table 11).
Table 11. CLRSEL Options
CLRSEL
Output Clear Value
Unipolar Output Voltage Range
Unipolar Current Output Range
Bipolar Output Range
Bipolar Current Output Range
0
0 V
Zero scale; for example,
4 mA on the 4 mA to 20 mA range,
0 mA on the 0 mA to 20 mA range
Negative full scale
Zero scale; for example,
−24 mA on the ±24 mA range
1
Midscale
Midscale; for example,
12 mA on the 4 mA to 20 mA range,
10 mA on the 0 mA to 20 mA range
0 V
Midscale; for example,
0 mA on the ±24 mA range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com