Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 31Page - Analog Devices ADP2302 Datasheet HTML 32Page - Analog Devices ADP2302 Datasheet HTML 33Page - Analog Devices ADP2302 Datasheet HTML 34Page - Analog Devices ADP2302 Datasheet HTML 35Page - Analog Devices ADP2302 Datasheet HTML 36Page - Analog Devices ADP2302 Datasheet HTML 37Page - Analog Devices ADP2302 Datasheet HTML 38Page - Analog Devices ADP2302 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 35 of 44
When the slew rate control feature is enabled, all output changes
occur at the programmed slew rate (see the DC-to-DC Converter
Settling Time section for more information). For example, if the
CLEAR pin is asserted, the output slews to the clear value at the
programmed slew rate (assuming that the channel is enabled to
be cleared).
If more than one channel is enabled for digital slew rate control,
care must be taken when asserting the CLEAR pin. If a channel
under slew rate control is slewing when the CLEAR pin is asserted,
other channels under slew rate control may change directly to
their clear code not under slew rate control.
DYNAMIC POWER CONTROL
The AD5737 provides integrated dynamic power control using
a dc-to-dc boost converter circuit. This circuit reduces power
consumption compared with standard designs.
In standard current input module designs, the load resistor
values can range from typically 50 Ω to 750 Ω. Output module
systems must source enough voltage to meet the compliance
voltage requirement across the full range of load resistor values.
For example, in a 4 mA to 20 mA loop when driving 20 mA, a
compliance voltage of >15 V is required. When driving 20 mA
into a 50 Ω load, a compliance voltage of only 1 V is required.
The AD5737 circuitry senses the output voltage and regulates
this voltage to meet the compliance requirements plus a small
headroom voltage. The AD5737 is capable of driving up to
24 mA through a 1 kΩ load.
DC-TO-DC CONVERTERS
The AD5737 contains four independent dc-to-dc converters.
These are used to provide dynamic control of the VBOOST_x supply
voltage for each channel (see Figure 48). Figure 55 shows the
discrete components needed for the dc-to-dc circuitry, and the
following sections describe component selection and operation
of this circuitry.
AVCC
LDCDC
DDCDC
CDCDC
4.7µF
CFILTER
0.1µF
RFILTER
CIN
SWx
VBOOST_x
≥10µF
10Ω
10µH
Figure 55. DC-to-DC Circuit
Table 36. Recommended Components for a DC-to-DC Converter
Symbol
Component
Value
Manufacturer
LDCDC
XAL4040-103
10 µH
Coilcraft®
CDCDC
GRM32ER71H475KA88L
4.7 µF
Murata
DDCDC
PMEG3010BEA
0.285 VF
NXP
It is recommended that a 10 Ω, 100 nF low-pass RC filter be
placed after CDCDC. This filter consumes a small amount of power
but reduces the amount of ripple on the VBOOST_x supply.
DC-to-DC Converter Operation
The on-board dc-to-dc converters use a constant frequency, peak
current mode control scheme to step up an AVCC input of 4.5 V
to 5.5 V to drive the AD5737 output channel. These converters
are designed to operate in discontinuous conduction mode with
a duty cycle of <90% typical. Discontinuous conduction mode
refers to a mode of operation where the inductor current goes
to zero for an appreciable percentage of the switching cycle. The
dc-to-dc converters are nonsynchronous; that is, they require an
external Schottky diode.
DC-to-DC Converter Output Voltage
When a channel current output is enabled, the converter regulates
the VBOOST_x supply to 7.4 V (±5%) or (IOUT × RLOAD + Headroom),
whichever is greater (see Figure 30 for a plot of headroom supplied
vs. output current). When the output is disabled, the converter
regulates the VBOOST_x supply to 7.4 V (±5%).
DC-to-DC Converter Settling Time
The settling time for a step greater than ~1 V (IOUT × RLOAD) is
dominated by the settling time of the dc-to-dc converter. The
exception to this is when the required voltage at the IOUT_x pin
plus the compliance voltage is below 7.4 V (±5%). Figure 25
shows a typical plot of the output settling time. This plot is for
a 1 kΩ load. The settling time for smaller loads is faster. The
settling time for current steps less than 24 mA is also faster.
DC-to-DC Converter VMAX Functionality
The maximum VBOOST_x voltage is set in the dc-to-dc control
register (23 V, 24.5 V, 27 V, or 29.5 V; see Table 27). When the
maximum voltage is reached, the dc-to-dc converter is disabled,
and the VBOOST_x voltage is allowed to decay by ~0.4 V. After the
VBOOST_x voltage decays by ~0.4 V, the dc-to-dc converter is
reenabled, and the voltage ramps up again to VMAX, if still
required. This operation is shown in Figure 56.
28.6
28.7
28.8
28.9
29.0
29.1
29.2
29.3
29.4
29.5
29.6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (ms)
VMAX
0mA TO 24mA RANGE, 24mA OUTPUT
OUTPUT UNLOADED
DC-DC MaxV BITS = 29.5V
DC-DCx BIT
DC-DCx BIT = 0
DC-DCx BIT = 1
f
SW = 410kHz
TA = 25°C
Figure 56. Operation on Reaching VMAX
As shown in Figure 56, the DC-DCx bit in the status register
is asserted when the AD5737 ramps up to the VMAX value but
is deasserted when the voltage decays to VMAX − ~0.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com