Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8099
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 1 Page - Analog Devices

  AD8099 Datasheet HTML 1Page - Analog Devices AD8099 Datasheet HTML 2Page - Analog Devices AD8099 Datasheet HTML 3Page - Analog Devices AD8099 Datasheet HTML 4Page - Analog Devices AD8099 Datasheet HTML 5Page - Analog Devices AD8099 Datasheet HTML 6Page - Analog Devices AD8099 Datasheet HTML 7Page - Analog Devices AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 nV/√Hz, Low Power,
Rail-to-Rail Output Amplifiers
Data Sheet
ADA4896-2/ADA4897-1/ADA4897-2
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Low wideband noise
1 nV/√Hz
2.8 pA/√Hz
Low 1/f noise: 2.4 nV/√Hz at 10 Hz
Low distortion: −115 dBc at 100 kHz, VOUT = 2 V p-p
Low power: 3 mA per amplifier
Low input offset voltage: 0.5 mV maximum
High speed
−3 dB bandwidth: 230 MHz (G = +1)
Slew rate: 120 V/μs
Settling time to 0.1%: 45 ns
Rail-to-rail output
Wide supply range: 3 V to 10 V
Disable feature (ADA4897-1/ADA4897-2)
APPLICATIONS
Low noise preamplifier
Ultrasound amplifiers
PLL loop filters
High performance ADC drivers
DAC buffers
GENERAL DESCRIPTION
The ADA4896-2/ADA4897-1/ADA4897-2 are unity-gain stable,
low noise, rail-to-rail output, high speed voltage feedback amplifiers
that have a quiescent current of 3 mA. With a 1/f noise of
2.4 nV/√Hz at 10 Hz and a spurious-free dynamic range of −80 dBc
at 2 MHz, the ADA4896-2/ADA4897-1/ADA4897-2 are ideal
solutions in a variety of applications, including ultrasound, low
noise preamplifiers, and drivers of high performance ADCs. The
Analog Devices, Inc., proprietary next-generation SiGe bipolar
process and innovative architecture enable such high performance
amplifiers.
The ADA4896-2/ADA4897-1/ADA4897-2 have 230 MHz
bandwidth, 120 V/μs slew rate, and settle to 0.1% in 45 ns.
With a wide supply voltage range of 3 V to 10 V, the ADA4896-2/
ADA4897-1/ADA4897-2 are ideal candidates for systems that
require high dynamic range, precision, low power, and high speed.
The ADA4896-2 is available in 8-lead LFCSP and 8-lead MSOP
packages. The ADA4897-1 is available in 8-lead SOIC and 6-lead
SOT-23 packages. The ADA4897-2 is available in a 10-lead MSOP
package. The ADA4896-2/ADA4897-1/ADA4897-2 operate over
the extended industrial temperature range of −40°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
NC 1
–IN 2
+IN 3
–VS 4
8
+VS
7
OUT
6
NC
5
DISABLE
Figure 1. 8-Lead SOIC (ADA4897-1)
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
5M
VS = ±5V
Figure 2. Voltage Noise vs. Frequency
Table 1. Other Low Noise Amplifiers
VN (nV/√Hz)
Supply
Part No.
At 1 kHz
At 100 kHz
BW (MHz)
Voltage (V)
AD797
0.9
0.9
8
10 to 30
AD8021
5
2.1
490
5 to 24
AD8099
3
0.95
510
5 to 12
AD8045
6
3
1000
3.3 to 12
ADA4899-1
1.4
1
600
5 to 12
ADA4898-1/
ADA4898-2
0.9
0.9
65
10 to 32
Table 2. Complementary ADCs
Part No.
Bits
Speed (MSPS)
Power (mW)
AD7944
14
2.5
15.5
AD7985
16
2.5
15.5
AD7986
18
2
15


Similar Part No. - AD8099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8099 AD-AD8099 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
AD8099 AD-AD8099 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
AD8099 AD-AD8099 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
AD8099 AD-AD8099 Datasheet
574Kb / 26P
Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
Rev. E
More results

Similar Description - AD8099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4896-2 AD-ADA4896-2 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
AD8421 AD-AD8421 Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
logo
Texas Instruments
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
logo
Texas Instruments
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8421 AD-AD8421_16 Datasheet
706Kb / 29P
3 nV/?숰z, Low Power Instrumentation Amplifier
Rev. 0
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
Rev. B
logo
Texas Instruments
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com