Electronic Components Datasheet Search
  English  ▼

X  

AD8429 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8429
Description  Low Noise, Low Gain Drift, G = 2000
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8429 Datasheet HTML 7Page - Analog Devices AD8429 Datasheet HTML 8Page - Analog Devices AD8429 Datasheet HTML 9Page - Analog Devices AD8429 Datasheet HTML 10Page - Analog Devices AD8429 Datasheet HTML 11Page - Analog Devices AD8429 Datasheet HTML 12Page - Analog Devices AD8429 Datasheet HTML 13Page - Analog Devices AD8429 Datasheet HTML 14Page - Analog Devices AD8429 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8428
Rev. A | Page 11 of 20
+VS
–0.5
+0.5
–1.0
+1.0
–1.5
+1.5
–VS
0.01
0.1
1
10
OUTPUT CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
Figure 27. Output Voltage Swing vs. Output Current, VS = ±15 V
20
15
10
5
0
–20
–15
–10
–5
–10
–8–6
–4–2
0
2
4
6
10
8
OUTPUT VOLTAGE (V)
GAIN = 2000
Figure 28. Gain Nonlinearity, RL = 10 kΩ
100
0.1
1
10
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 2000
Figure 29. RTI Voltage Noise Spectral Density vs. Frequency
20nV/DIV
1s/DIV
Figure 30. RTI Voltage Noise, 0.1 Hz to 10 Hz
16
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 31. Current Noise Spectral Density vs. Frequency
50pA/DIV
1s/DIV
Figure 32. Current Noise, 0.1 Hz to 10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com