Electronic Components Datasheet Search
  English  ▼

X  

AD8045 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8045
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 4 Page - Analog Devices

  AD8045 Datasheet HTML 1Page - Analog Devices AD8045 Datasheet HTML 2Page - Analog Devices AD8045 Datasheet HTML 3Page - Analog Devices AD8045 Datasheet HTML 4Page - Analog Devices AD8045 Datasheet HTML 5Page - Analog Devices AD8045 Datasheet HTML 6Page - Analog Devices AD8045 Datasheet HTML 7Page - Analog Devices AD8045 Datasheet HTML 8Page - Analog Devices AD8045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADA4896-2/ADA4897-1/ADA4897-2
Data Sheet
Rev.
| Page 4 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
3 to 10
V
Quiescent Current per Amplifier
2.8
3.0
3.2
mA
DISABLE = −5 V
0.13
0.25
mA
Power Supply Rejection Ratio (PSRR)
Positive
+VS = 4 V to 6 V, −VS = −5 V
−96
−125
dB
Negative
+VS = 5 V, −VS = −4 V to −6 V
−96
−121
dB
DISABLE PIN (
/
)
ADA4897-1 ADA4897-2
DISABLE Voltage
Enabled
>+VS − 0.5
V
Disabled
<+VS − 2
V
Input Current
Enabled
DISABLE = +5 V
−1.2
μA
Disabled
DISABLE = −5 V
−40
μA
Switching Speed
Enabled
0.25
μs
Disabled
12
μs
+5 V SUPPLY
TA = 25°C, G = +1, RL = 1 kΩ to midsupply, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
230
MHz
G = +1, VOUT = 2 V p-p
30
MHz
G = +2, VOUT = 0.02 V p-p
90
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p, RL = 100 Ω
7
MHz
Slew Rate
G = +2, VOUT = 3 V step
100
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
45
ns
Settling Time to 0.01%
G = +2, VOUT = 2 V step
95
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (SFDR)
VOUT = 2 V p-p
fC = 100 kHz
−115
dBc
fC = 1 MHz
−93
dBc
fC = 2 MHz
−80
dBc
fC = 5 MHz
−61
dBc
Input Voltage Noise
f = 10 Hz
2.4
nV/√Hz
f = 100 kHz
1
nV/√Hz
Input Current Noise
f = 10 Hz
11
pA/√Hz
f = 100 kHz
2.8
pA/√Hz
0.1 Hz to 10 Hz Noise
G = +101, RF = 1 kΩ, RG = 10 Ω
99
nV p-p
DC PERFORMANCE
Input Offset Voltage
−500
−30
+500
μV
Input Offset Voltage Drift
0.2
μV/°C
Input Bias Current
−17
−11
−4
μA
Input Bias Current Drift
3
nA/°C
Input Bias Offset Current
−0.6
−0.02
+0.6
μA
Open-Loop Gain
VOUT = 0.5 V to 4.5 V
97
110
dB
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com