Electronic Components Datasheet Search
  English  ▼

X  

AD8293 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8293
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8293 Datasheet HTML 11Page - Analog Devices AD8293 Datasheet HTML 12Page - Analog Devices AD8293 Datasheet HTML 13Page - Analog Devices AD8293 Datasheet HTML 14Page - Analog Devices AD8293 Datasheet HTML 15Page - Analog Devices AD8293 Datasheet HTML 16Page - Analog Devices AD8293 Datasheet HTML 17Page - Analog Devices AD8293 Datasheet HTML 18Page - Analog Devices AD8293 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8426
Rev. 0 | Page 15 of 28
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
BANDWIDTH
LIMITED
Figure 27. CMRR vs. Frequency, RTI
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 1
GAIN = 100
GAIN = 10
BANDWIDTH
LIMITED
Figure 28. CMRR vs. Frequency, RTI, 1 kΩ Source Imbalance
6
4
2
0
–2
–4
5
3
1
–1
–3
–5
–6
0
20
40
60
80
100
10
30
50
70
90
110 120
WARM-UP TIME (Seconds)
Figure 29. Change in Input Offset Voltage vs. Warm-Up Time
0
30
25
20
15
10
5
–50
250
200
150
100
50
0
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
IOS
±IB
Figure 30. Input Bias Current and Input Offset Current vs. Temperature
40
–80
–60
–40
–20
0
20
–60
–40
–20
0
20
40
60
100
140
80
120
TEMPERATURE (°C)
NORMALIZED AT 25°C
Figure 31. Gain Error vs. Temperature, G = 1
10
–20
–15
–10
–5
0
5
–60
–40
–20
0
20
40
60
100
140
80
120
TEMPERATURE (°C)
REPRESENTATIVE DATA
NORMALIZED AT 25°C
Figure 32. CMRR vs. Temperature, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com