Electronic Components Datasheet Search
  English  ▼

X  

ADM2687EBRIZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2687EBRIZ
Description  5 kV rms Signal and Power Isolated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2687EBRIZ Datasheet HTML 2Page - Analog Devices ADM2687EBRIZ Datasheet HTML 3Page - Analog Devices ADM2687EBRIZ Datasheet HTML 4Page - Analog Devices ADM2687EBRIZ Datasheet HTML 5Page - Analog Devices ADM2687EBRIZ Datasheet HTML 6Page - Analog Devices ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices ADM2687EBRIZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADM2682E/ADM2687E
Rev. 0 | Page 6 of 24
VDE 0884 INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by
means of protective circuits.
Table 7.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
CLASSIFICATIONS
Installation Classification per DIN VDE 0110 for
Rated Mains Voltage
≤300 V rms
I to IV
≤450 V rms
I to III
≤600 V rms
I to II
Climatic Classification
40/85/21
Pollution Degree
Table 1 of DIN VDE 0110
2
VOLTAGE
Maximum Working Insulation Voltage
VIORM
846
V peak
Input-to-Output Test Voltage
VPR
Method b1
VIORM × 1.875 = VPR, 100% production tested,
tm = 1 sec, partial discharge < 5 pC
1590
V peak
Method a
After Environmental Tests, Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
1375
V peak
After Input and/or Safety Test,
Subgroup 2/Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 sec
VTR
6000
V peak
SAFETY-LIMITING VALUES
Maximum value allowed in the event of a failure
Case Temperature
TS
150
°C
Input Current
IS, INPUT
265
mA
Output Current
IS, OUTPUT
335
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com