Electronic Components Datasheet Search
  English  ▼

X  

OP295 Datasheet(PDF) 16 Page - Analog Devices

Part # OP295
Description  22 關A, RRIO, CMOS, 18 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295 Datasheet(HTML) 16 Page - Analog Devices

Back Button OP295 Datasheet HTML 12Page - Analog Devices OP295 Datasheet HTML 13Page - Analog Devices OP295 Datasheet HTML 14Page - Analog Devices OP295 Datasheet HTML 15Page - Analog Devices OP295 Datasheet HTML 16Page - Analog Devices OP295 Datasheet HTML 17Page - Analog Devices OP295 Datasheet HTML 18Page - Analog Devices OP295 Datasheet HTML 19Page - Analog Devices OP295 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8546/AD8548
Data Sheet
Rev. B | Page 16 of 24
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 2.7V
VIN = 0.2V rms
RL = 1MΩ
AV = +1
Figure 57. THD + N vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VIN = 0.5V p-p
VIN = 1.5V p-p
VIN = 2.6V p-p
RL
1MΩ
10kΩ
VSY = 2.7V
RL = 1MΩ
AV = –100
Figure 58. Channel Separation vs. Frequency
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 18V
VIN = 0.5V rms
RL = 1MΩ
AV = +1
Figure 59. THD + N vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VIN = 1V p-p
VIN = 5V p-p
VIN = 10V p-p
VIN = 15V p-p
VIN = 17V p-p
RL
1MΩ
10kΩ
VSY = 18V
RL = 1MΩ
AV = –100
Figure 60. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com